Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 31Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 33Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
30 / 105
When the bit SWx_FLT_REN = 1, if a regulator is programmed to turn off upon an OV,
UV or ILIM condition, the regulator returns to its previous state 500 µs after the fault
condition is cleared. If the regulator is programmed to turn off upon an ILIM condition, the
device may take up to 1.0 ms to debounce the ILIM condition removal, in addition to the
500 µs wait period to re-enable the regulator.
RegX_STATE = 0 && FLT_REN = 1
ILIM fault
RegX_STATE = 0 && FLT_REN = 1
OV/UV fault
REGx
I_REGx
REGx_EN
REGx
REGx_EN
PGOOD
REGx_PG
ILIM
1 ms
1.5 ms
500 µs
300 µs
500 µs
300 µs
1 ms
1.5 ms
aaa-028058
Figure 13. Regulator turned off upon with RegX_STATE = 0 and FLT_REN = 1
When any of the regulators is controlled by hardware using the ENx pins and
programmed to turn off upon an OV, UV or ILIM fault, the _FLT_REN bit still controls
whether the regulator returns to its previous state or not regardless the state of the ENx
pin.
To avoid fault cycling, a global fault counter is provided. Each time any of the
external regulators encounter a fault event, the PF5020 compares the value of the
FAULT_CNT[3:0] against the FAULT_MAX_CNT, and if it not equal, it increments the
FAULT_CNT[3:0] and proceeds with the fault protection mechanism.
The processor is expected to read the counter value and reset it when the faults have
been cleared and the device returns to a normal operation. If the processor does not
reset the fault counter and it equals the FAULT_MAX_CNT[3:0] value, the state machine
initiates a power down sequence.
The default value of the FAULT_MAX_CNT[3:0] is loaded from the
OTP_FAULT_MAX_CNT[3:0] bits during the power up sequence.
When the FAULT_MAX_CNT[3:0] is set to 0x00, the system disables the turn-off events
due to a fault counter maxing out.
When a regulator experiences a fault event, a fault timer is started. While this timer
is in progress, the expectation is that the processor takes actions to clear the fault.
For example, it could reduce its load in the event of a current limit fault, or turn off the
regulator in the event of an overvoltage fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com