Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 68Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
72 / 105
Symbol
Parameter
Min
Typ
Max
Unit
FSSRANGE
Spread-spectrum range
FSS_RANGE= 1
via CLK_FREQ[3:0]
Spread-spectrum is done around center frequency of
20 MHz
—
±10
—
%
FSSmod
Spread spectrum frequency modulation
—
24
—
kHz
Clock synchronization
fSYNCIN
SYNC input frequency range
FSYNC_RANGE = 0
2000
—
3000
kHz
fSYNCIN
SYNC input frequency range
FSYNC_RANGE = 1
333
—
500
kHz
fSYNCOUT
SYNC output frequency range
via CLK_FREQ[3:0]
2000
—
3000
kHz
VSYNCINLO
Input frequency low voltage threshold
—
—
0.3*VDDIO
V
VSYNCINHI
Input frequency high voltage threshold
0.7*VDDIO
—
—
V
RPD_SYNCIN
SYNC internal pull down resistance
0.475
1.0
__
MΩ
VSYNCOUTLO
Output frequency low voltage threshold
0
—
0.4
V
VSYNCOUTHI
Output frequency high voltage threshold
VDDIO − 0.5
—
—
V
15.8 Thermal monitoring
The PF5020 features a temperature sensor at the center of the die which is used to
generate the thermal interrupts and thermal shutdown.
Figure 30 shows a high level block diagram of the thermal monitoring architecture in
PF5020.
aaa-029998
COMP
Tsense
TEMP_IC
BG
VTemp
V155C
V165C
(TSD)
V140C
V125C
V110C
V95C
V80C
DIGITAL LOGIC
STATE MACHINE
(THERMAL INTERRUPT
DECODING)
AMUX
Figure 30. Thermal monitoring architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com