Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
41
— Section 3.5.3, “ATA Electrical Specifications”
— Section 3.5.4, “Digital Audio Mux (AUDMUX)”
— Section 3.5.5, “CMOS Sensor Interface (CSI)”
— Section 3.5.6, “Configurable Serial Peripheral Interface (CSPI)”
— Section 3.6.1, “Direct Memory Access Controller (DMAC)”
— Section 3.6.2, “Fast Ethernet Controller (FEC)”
— Section 3.6.3, “Inter IC Communication (I2C)”
— Section 3.6.4, “JTAG Controller (JTAGC)”
— Section 3.6.5, “Liquid Crystal Display Controller Module (LCDC)”
— Section 3.6.6, “Memory Stick Host Controller (MSHC)”
— Section 3.6.7, “NAND Flash Controller Interface (NFC)”
— Section 3.6.8, “Personal Computer Memory Card International Association (PCMCIA)”
— Section 3.6.9, “SDRAM (DDR and SDR) Memory Controller”
— Section 3.6.10, “Smart Liquid Crystal Display Controller (SLCDC)”
— Section 3.6.11, “Synchronous Serial Interface (SSI)”
— Section 3.6.12, “Wireless External Interface Module (WEIM)”
— Section 3.6.13, “USBOTG Electricals”
3.4
i.MX27/iMX27L
Chip-Level Conditions
This section provides the chip-level electrical characteristics for the IC. Table 5 provides a quick reference
to the individual tables and sections.
Table 6 provides the DC absolute maximum operating conditions.
CAUTION
Stresses beyond those listed under Table 6 may cause permanent damage to
device. These are stress ratings only. Functional operation of device at these
or any other conditions beyond those indicated under “DC operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability.
Table 5. i.MX27/iMX27L Chip-Level Conditions
For these characteristics…
Topic appears…
Table 6, “DC Absolute Maximum Conditions”
on page 42
Table 7, “DC Operating Conditions”
on page 42
Table 8, “Interface Frequency”
on page 43
Table 9, “Frequency Definition for Power Consumption Measurement”
on page 43
Table 10, “Current Consumption”
on page 43
Section 3.4.2, “Test Conditions and Recommended Settings”
on page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com