Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 90Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 96Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 122 page
background image
i.MX27/iMX27L Data Sheet, Advance Information, Rev. 1
94
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
Signal Descriptions
NOTE
All the timings for the SSI are given for a non-inverted serial clock polarity
(TSCKP/RSCKP = 0) and a non-inverted frame sync (TFSI/RFSI = 0). If the
polarity of the clock and/or the frame sync have been inverted, all the timing
remains valid by inverting the clock signal STCK/SRCK and/or the frame
sync STFS/SRFS shown in the tables and in the figures.
All timings are on AUDMUX pads when the SSI is being used for data
transfer.
“Tx” and “Rx” refer to the Transmit and Receive sections of the SSI.
For internal frame sync operation using external clock, the FS timing is the
same as that of Tx Data, for example, during the AC97 mode of operation.
3.6.12
Wireless External Interface Module (WEIM)
All WEIM output control signals may be asserted and deasserted by internal clock related to BCLK rising
edge or falling edge according to corresponding assertion/negation control fields. Address always begins
related to BCLK falling edge but may be ended both on rising and falling edge in muxed mode according
to control register configuration. Output data begins related to BCLK rising edge except in muxed mode
where both rising and falling edge may be used according to control register configuration. Input data,
ECB and DTACK all captured according to BCLK rising edge time. Figure 53 shows the timing of the
WEIM module, and Table 49 lists the timing parameters.
SS24
(Tx/Rx) CK clock rise time
—
6.0
ns
SS25
(Tx/Rx) CK clock low period
36.0
—
ns
SS26
(Tx/Rx) CK clock fall time
—
6.0
ns
SS28
(Rx) CK high to FS (bl) high
–10.0
15.0
ns
SS30
(Rx) CK high to FS (bl) low
10.0
—
ns
SS32
(Rx) CK high to FS (wl) high
–10.0
15.0
ns
SS34
(Rx) CK high to FS (wl) low
10.0
—
ns
SS35
(Tx/Rx) External FS rise time
—
6.0
ns
SS36
(Tx/Rx) External FS fall time
—
6.0
ns
SS40
SRXD setup time before (Rx) CK low
10.0
—
ns
SS41
SRXD hold time after (Rx) CK low
2.0
—
ns
Table 48. SSI Receiver with External Clock Timing Parameters (continued)
ID
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com