Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 77Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 78Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 79Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 80Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 81Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 82Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 83Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 84Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
81
Figure 41. Mobile DDR SDRAM Write Cycle Timing Diagram
NOTE
SDRAM CLK and DQS related parameters are being measured from the
50% point—that is, high is defined as 50% of signal value and low is
defined as 50% of signal value.
The timing parameters are similar to the ones used in SDRAM data
sheets—that is, Table 40 indicates SDRAM requirements. All output signals
are driven by the ESDCTL at the negative edge of SDCLK and the
parameters are measured at maximum memory frequency.
Table 40. Mobile DDR SDRAM Write Cycle Timing Parameters1
1 Test condition: Measured using delay line 5 programmed as follows: ESDCDLY5[15:0] = 0x0703.
ID
Parameter
Symbol
Min
Max
Unit
SD17
DQ and DQM setup time to DQS
tDS
0.95
—
ns
SD18
DQ and DQM hold time to DQS
tDH
0.95
—
ns
SD19
Write cycle DQS falling edge to SDCLK output delay time.
tDSS
1.8
—
ns
SD20
Write cycle DQS falling edge to SDCLK output hold time.
tDSH
1.8
—
ns
SDCLK
SDCLK
DQS (output)
DQ (output)
DQM (output)
Data
Data
Data
Data
Data
Data
Data
Data
DM
DM
DM
DM
DM
DM
DM
DM
SD17
SD17
SD17
SD17
SD18
SD18
SD18
SD18
SD19
SD20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com