Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 81Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 82Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 83Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 84Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 85Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 86Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 87Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
85
Figure 44. SLCDC Timing Diagram—Parallel Transfers to LCD Device
Table 43. SLCDC Serial Interface Timing Parameters
Symbol
Parameter
Min
Typ
Max
Units
tcss
Chip select setup time
(tcyc / 2) (
±) tprop
——
ns
tcsh
Chip select hold time
(tcyc / 2) (
±) tprop
——
ns
tcyc
Serial clock cycle time
39 (
±) tprop
—2641
ns
tcl
Serial clock low pulse
18 (
±) tprop
——
ns
tch
Serial clock high pulse
18 (
±) tprop
——
ns
tds
Data setup time
(tcyc / 2) (±) tprop
——
ns
tdh
Data hold time
(tcyc / 2) (±) tprop
——
ns
trss
Register select setup time
(15 * tcyc / 2) (±) tprop
——
ns
trsh
Register select hold time
(tcyc / 2) (±) tprop
——
ns
Table 44. SLCDC Parallel Interface Timing Parameters
Symbol
Parameter
Min
Typ
Max
Units
tcyc
Parallel clock cycle time
78 (
±) tprop
—
4923
—
tds
Data setup time
(tcyc / 2) (±) tprop
——
—
tdh
Data hold time
(tcyc / 2) (±) tprop
——
—
LCD_CLK
LCD_DATA[15:0]
LCD_RS
command data
LCD_CS
display data
trsh
trss
tds
tdh
tcyc
LCD_CLK
LCD_DATA[15:0]
LCD_RS
command data
LCD_CS
display data
trsh
trss
tds
tdh
tcyc
This diagram illustrates the timing when CSPOL=0
This diagram illustrates the timing when CSPOL=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com