Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 79Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 80Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 81Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 82Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 83Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 84Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 85Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 86Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
83
SD13
Supply Voltage (low voltage)
1.65
1.95
V
1.95 ~2.7 V is not supported.
SD14
Supply Voltage (high voltage)
2.7
3.6
V
SD15
Power Up Time
—
250
ms
—
SD16
Supply Current
100
—
mA
—
Bus Signal Line Load
SD17
Pull-up Resistance
10
100
k
Ω
Internal PU
SD18
Open Drain Resistance
NA
NA
k
Ω
For MMC cards only
Open Drain Signal Level
SD19
Output High Voltage
VDD – 0.2
—
V
IOH=-100 mA
SD20
Output Low Voltage
—
0.3
V
IOL= 2 mA
Push-Pull Signal Levels (High Voltage)
SD21
Output HIGH Voltage
0.75 x VDD
VIOH=-100 mA @VDD min
SD22
Output LOW Voltage
—
0.125 x VDD
VIOL=100 mA @VDD min
SD23
Input HIGH Voltage
0.625 x VDD
VDD + 0.3
V
—
SD24
Input LOW Voltage
VSS – 0.3
0.25 x VDD
V—
Push-Pull Signal Levels (Low Voltage)
SD25
Output HIGH Voltage
VDD – 0.2
—
V
IOH=-100 mA @VDD min
SD26
Output LOW Voltage
—
0.2
V
IOL=100 mA @VDD min
SD27
Input HIGH Voltage
0.7 x VDD
VDD + 0.3
V
—
SD28
Input LOW Voltage
VSS – 0.3
0.3 x VDD
V—
Table 42. SDHC Electrical DC Characteristics
ID
Parameter
Min
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com