Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
69
3.6.7
NAND Flash Controller Interface (NFC)
Figure 31, Figure 32, Figure 33, and Figure 34 show the relative timing requirements among different
signals of the NFC at module level, and Table 34 lists the timing parameters. The NAND flash controller
(NFC) timing parameters are based on the internal NFC clock generated by the clock controller module,
where time T is the period of the NFC clock in ns. The relationship between the NFC clock and the external
timing parameters of the NFC is provided in Table 34.
Table 32. Serial Interface Timing Parameters
Signal
Parameter
Symbol
Standards
Unit
Min
Max
MSHC_SCLK
Cycle
tSCLKc
50
—
ns
H pulse length
tSCLKwh
15
—
ns
L pulse length
tSCLKwl
15
—
ns
Rise time
tSCLKr
—
10
ns
Fall time
tSCLKf
—
10
ns
MSHC_BS
Setup time
tBSsu
5
—
ns
Hold time
tBSh
5
—
ns
MSHC_DATA
Setup time
tDsu
5
—
ns
Hold time
tDh
5
—
ns
Output delay time
tDd
—
15
ns
Table 33. Parallel Interface Timing Parameters
Signal
Parameter
Symbol
Standards
Unit
Min
Max
MSHC_SCLK
Cycle
tSCLKc
25
—
ns
H pulse length
tSCLKwh
5
—
ns
L pulse length
tSCLKwl
5
—
ns
Rise time
tSCLKr
—
10
ns
Fall time
tSCLKf
—
10
ns
MSHC_BS
Setup time
tBSsu
8
—
ns
Hold time
tBSh
1
—
ns
MSHC_DATA
Setup time
tDsu
8
—
ns
Hold time
tDh
1
—
ns
Output delay time
tDd
—
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com