Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 78Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 79Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 80Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 81Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 82Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 83Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 84Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 85Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
i.MX27/iMX27L Data Sheet, Advance Information, Rev. 1
82
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
Signal Descriptions
Figure 42. Mobile DDR SDRAM DQ versus DQS and SDCLK Read Cycle Timing Diagram
NOTE
SDRAM CLK and DQS related parameters are being measured from the
50% point—that is, high is defined as 50% of signal value and low is
defined as 50% of signal value.
The timing parameters are similar to the ones used in SDRAM data
sheets—that is, Table 41 indicates SDRAM requirements. All output signals
are driven by the ESDCTL at the negative edge of SDCLK and the
parameters are measured at maximum memory frequency.
3.6.9.1
SDHC Electrical DC Characteristics
Table 42 lists the SDHC electrical DC characteristics.
Table 41. Mobile DDR SDRAM Read Cycle Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
SD21
DQS–DQ Skew (defines the Data valid window in read cycles related to DQS).
tDQSQ
—
0.85
ns
SD22
DQS DQ HOLD time from DQS
tQH
2.3
—
ns
SD23
DQS output access time from SDCLK posedge
tDQSCK
—
6.7
ns
Table 42. SDHC Electrical DC Characteristics
ID
Parameter
Min
Max
Unit
Comments
General
SD10
Peak Voltage on All Lines
–0.3
VDD + 0.3
V
—
All Inputs
SD11
Input Leakage Current
–10
10
μA—
All Outputs
SD12
Output Leakage Current
–10
10
μA—
Power Supply
SDCLK
SDCLK
DQS (input)
DQ (input)
Data
Data
Data
Data
Data
Data
Data
Data
SD23
SD21
SD22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com