Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
Functional Description and Application Information
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
7
KPP
Keypad Port
Connectivity
Peripheral
The KPP is used for key pad matrix scanning or as a general
purpose I/O. This peripheral simplifies the software task of
scanning a keypad matrix.
2.3.19/17
LCDC
Liquid Crystal
Display
Controller
Multimedia
Interface
The LCDC provides display data for external gray-scale or
color LCD panels.
2.3.20/18
M3IF
Multi-Master
Memory
Interface
External
Memory
Interface
The M3IF controls memory accesses from one or more
masters through different port interfaces to different external
memory controllers ESDCTL/MDDRC, PCMCIA, NFC, and
WEIM.
2.3.21/18
MAX
Multi-layer
AHB Crossbar
Switch
Bus Control
The ARM926EJ-S processor’s instruction and data buses and
all alternate bus master interfaces arbitrate for resources via a
6
× 3 MAX. There are six fully functional master ports (M0–M5)
and three fully functional slave ports (S0–S2). The MAX is
uni-directional. All master and slave ports are AHB-Lite
compliant.
2.3.22/18
MSHC
Memory Stick
Host Controller
Connectivity
Peripheral
The MSHC is placed in between the AIPI and the customer
memory stick to support data transfer from the i.MX27 device
to the customer memory stick.
Note:
This feature is not available on MX27L.
2.3.23/19
NFC
NAND Flash
Controller
External
Memory
Interface
The NFC is a submodule of EMI. The NFC implements the
interface to standard NAND Flash memory devices.
2.3.24/19
PCMCIA
Personal
Computer
Memory Card
International
Association
External
Memory
Interface
The PCMCIA host adapter module provides the control logic
for PCMCIA socket interfaces, and requires some additional
external analog power switching logic and buffering.
2.3.25/20
PLL
Phase Lock
Loop
Clock and
Reset Control
The two DPLLs provide clock generation in digital and mixed
analog/digital chips designed for wireless communication and
other applications.
2.3.26/20
PWM
Pulse-Width
Modulator
Timer
Peripheral
The PWM has a 16-bit counter and is optimized to generate
sound from stored sample audio images. It can also generate
tones.
2.3.27/20
RTC
Real Time
Clock
Timer
Peripheral
The RTC module provides a current stamp of seconds,
minutes, hours, and days. Alarm and timer functions are also
available for programming. The RTC supports dates from the
year 1980 to 2050.
2.3.28/20
RTIC
Run-Time
Integrity
Checkers
Security
The RTIC ensures the integrity of the contents of the peripheral
memory and assists with boot authentication.
2.3.29/21
Table 2. Digital and Analog Modules (continued)
Block Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com