Electronic Components Datasheet Search
  English  ▼

X  

IMX27L Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
i.MX27/iMX27L Data Sheet, Advance Information, Rev. 1
72
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
Signal Descriptions
NOTE
High is defined as 80% of signal value and low is defined as 20% of signal
value. All timings are listed according to this NFC clock frequency
(multiples of NFC clock period) except NF16, which is not NFC clock
related.
The read data is generated by the NAND Flash device and sampled with the
internal NFC clock.
NF4
NFCE Hold Time
tCH
T
—
45
—
30
—
ns
NF5
NF_WP Pulse Width
tWP
T
—
45
—
30
—
ns
NF6
NFALE Setup Time
tALS
T
—
45
—
30
—
ns
NF7
NFALE Hold Time
tALH
T
—
45
—
30
—
ns
NF8
Data Setup Time
tDS
T
—
45
—
30
—
ns
NF9
Data Hold Time
tDH
T
—
45
—
30
—
ns
NF10
Write Cycle Time
tWC
2T
—
90
—
60
—
ns
NF11
NFWE Hold Time
tWH
T
—
45
—
30
—
ns
NF12
Ready to NFRE Low
tRR
4T
—
180
—
120
—
ns
NF13
NFRE Pulse Width
tRP
1.5T
—
67.5
—
45
—
ns
NF14
READ Cycle Time
tRC
2T
—
90
—
60
—
ns
NF15
NFRE High Hold Time
tREH
0.5T
—
22.5
—
15
—
ns
NF16
Data Setup on READ
tDSR
15
—
15
—
15
—
ns
NF17
Data Hold on READ
tDHR
0
—
0
—
0
—
ns
Table 34. NFC Target Timing Parameters (continued)
ID
Parameter
Symbol
Relationship to
NFC clock
period (T)
NFC clock 22.17
MHz
T = 45 ns
NFC clock 33.25
MHz
T = 30 ns
Unit
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com