Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 42Page - Renesas Technology Corp 4518 Datasheet HTML 43Page - Renesas Technology Corp 4518 Datasheet HTML 44Page - Renesas Technology Corp 4518 Datasheet HTML 45Page - Renesas Technology Corp 4518 Datasheet HTML 46Page - Renesas Technology Corp 4518 Datasheet HTML 47Page - Renesas Technology Corp 4518 Datasheet HTML 48Page - Renesas Technology Corp 4518 Datasheet HTML 49Page - Renesas Technology Corp 4518 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 160 page
background image
Rev.3.01
2005.06.15
page 46 of 157
REJ03B0008-0301
4518 Group
Fig. 35 Program example to start/stop watchdog timer
Fig. 36 Program example to enter the mode when using the
watchdog timer
WRST
; WDF1 flag cleared
NOP
DI
; Interrupt disabled
EPOF
; POF instruction enabled
POF
↓
Oscillation stop
When the watchdog timer is used, clear the WDF1 flag at the pe-
riod of 65534 machine cycles or less with the WRST instruction.
When the watchdog timer is not used, execute the DWDT instruc-
tion and the WRST instruction continuously (refer to Figure 35).
The watchdog timer is not stopped with only the DWDT instruction.
The contents of WDF1 flag and timer WDT are initialized at the
RAM back-up mode.
When using the watchdog timer and the RAM back-up mode, ini-
tialize the WDF1 flag with the WRST instruction just before the
microcomputer enters the RAM back-up state (refer to Figure 36).
The watchdog timer function is valid after system is returned from
the RAM back-up. When not using the watchdog timer function, ex-
ecute the DWDT instruction and the WRST instruction continuously
every system is returned from the RAM back-up, and stop the
watchdog timer function.
WRST
; WDF1 flag cleared
DI
DWDT
; Watchdog timer function enabled/disabled
WRST
; WEF and WDF1 flags cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com