Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 64Page - Renesas Technology Corp 4518 Datasheet HTML 65Page - Renesas Technology Corp 4518 Datasheet HTML 66Page - Renesas Technology Corp 4518 Datasheet HTML 67Page - Renesas Technology Corp 4518 Datasheet HTML 68Page - Renesas Technology Corp 4518 Datasheet HTML 69Page - Renesas Technology Corp 4518 Datasheet HTML 70Page - Renesas Technology Corp 4518 Datasheet HTML 71Page - Renesas Technology Corp 4518 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 160 page
background image
Rev.3.01
2005.06.15
page 68 of 157
REJ03B0008-0301
4518 Group
Fig. 57 Switch to ceramic resonance/RC oscillation/quartz-crystal oscillation
Reset
On-chip oscillator operation
CMCK instruction
CRCKinstruction
• Main clock: ceramic resonance
• On-chip oscillator: operating
• System clock: on-chip oscillator clock
CYCK instruction
• Set the main clock (f(XIN)) oscillation by bit 1 of register MR.
• Switch the system clock by bit 0 of register MR.
Also, when system clock is switched after main clock oscillation is started,
generate the oscillation stabilizing wait time by program if necessary.
• Set the on-chip oscillator clock oscillation by register RG.
• Main clock: RC oscillation circuit
• On-chip oscillator: operating
• System clock: on-chip oscillator clock
• Main clock: Quartz-crystal circuit
• On-chip oscillator: operating
• System clock: on-chip oscillator clock
(1) Main clock generating circuit (f(XIN))
The ceramic resonator, RC oscillation or quartz-crystal oscillator
can be used for the main clock of this MCU.
After system is released from reset, the MCU starts operation by
the clock output from the on-chip oscillator which is the internal os-
cillator.
When the ceramic resonator is used, execute the CMCK instruc-
tion. When the RC oscillation is used, execute the CRCK
instruction. When the quartz-crystal oscillator is used, execute the
CYCK instruction. The oscillation start/stop of main clock f(XIN) is
controlled by bit 1 of register MR. The system clock is selected by
bit 0 of register MR. The oscillation circuit by the CMCK, CRCK or
CYCK instruction can be selected only at once. The oscillation cir-
cuit corresponding to the first executed one of these instructions is
valid.
Execute the CMCK, CRCK or CYCK instruction in the initial setting
routine of program (executing it in address 0 in page 0 is recom-
mended). Also, when the CMCK, CRCK or CYCK instruction is not
executed in program, this MCU operates by the on-chip oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com