Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 49Page - Renesas Technology Corp 4518 Datasheet HTML 50Page - Renesas Technology Corp 4518 Datasheet HTML 51Page - Renesas Technology Corp 4518 Datasheet HTML 52Page - Renesas Technology Corp 4518 Datasheet HTML 53Page - Renesas Technology Corp 4518 Datasheet HTML 54Page - Renesas Technology Corp 4518 Datasheet HTML 55Page - Renesas Technology Corp 4518 Datasheet HTML 56Page - Renesas Technology Corp 4518 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 160 page
background image
Rev.3.01
2005.06.15
page 53 of 157
REJ03B0008-0301
4518 Group
SERIAL INTERFACE
The 4518 Group has a built-in clock synchronous serial I/O which
can serially transmit or receive 8-bit data.
Serial I/O consists of;
• serial I/O register SI
• serial I/O control register J1
• serial I/O transmit/receive completion flag (SIOF)
• serial I/O counter
Registers A and B are used to perform data transfer with internal
CPU, and the serial I/O pins are used for external data transfer.
The pin functions of the serial I/O pins can be set with the register
J1.
Table 14 Serial I/O pins
Pin
P20/SCK
P21/SOUT
P22/SIN
Pin function when selecting serial I/O
Clock I/O (SCK)
Serial data output (SOUT)
Serial data input (SIN)
Fig. 42 Serial I/O structure
Table 15 Serial I/O control register
Note: “R” represents read enabled, and “W” represents write enabled.
Note: Even when the SCK, SOUT, SIN pin functions are used, the input of
P20, P21, P22 are valid.
1/8
1/4
1/2
00
01
10
11
Synchronous
circuit
Serial I/O counter (3)
SIOF
Serial I/O
interrupt
INSTCK
P20/SCK
SCK
QS
R
MSB Serial I/O register (8) LSB
SIN
J11 J10
J13J12
Register B (4)
Register A (4)
TSIAB
TABSI
TABSI
SOUT
P21/SOUT
P22/SIN
SST
instruction
Internal reset signal
J13
0
0
1
1
J11
0
0
1
1
Serial I/O synchronous clock selection bits
Serial I/O port function selection bits
J12
0
1
0
1
J10
0
1
0
1
Serial I/O control register J1
at RAM back-up : state retained
at reset : 00002
J13
J12
J11
J10
Synchronous clock
Instruction clock (INSTCK) divided by 8
Instruction clock (INSTCK) divided by 4
Instruction clock (INSTCK) divided by 2
External clock (SCK input)
Port function
P20, P21,P22 selected/SCK, SOUT, SIN not selected
SCK, SOUT, P22 selected/P20, P21, SIN not selected
SCK, P21, SIN selected/P20, SOUT, P22 not selected
SCK, SOUT, SIN selected/P20, P21,P22 not selected
R/W
TAJ1/TJ1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com