Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 24Page - Renesas Technology Corp 4518 Datasheet HTML 25Page - Renesas Technology Corp 4518 Datasheet HTML 26Page - Renesas Technology Corp 4518 Datasheet HTML 27Page - Renesas Technology Corp 4518 Datasheet HTML 28Page - Renesas Technology Corp 4518 Datasheet HTML 29Page - Renesas Technology Corp 4518 Datasheet HTML 30Page - Renesas Technology Corp 4518 Datasheet HTML 31Page - Renesas Technology Corp 4518 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 160 page
background image
Rev.3.01
2005.06.15
page 28 of 157
REJ03B0008-0301
4518 Group
(4) Notes on External 0 interrupt
➀ Note [1] on bit 3 of register I1
When the input of the INT0 pin is controlled with the bit 3 of reg-
ister I1 in software, be careful about the following notes.
• Depending on the input state of the P30/INT0 pin, the external 0
interrupt request flag (EXF0) may be set when the bit 3 of regis-
ter I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer to
Figure 18 ➀) and then, change the bit 3 of register I1.
In addition, execute the SNZ0 instruction to clear the EXF0 flag to
“0” after executing at least one instruction (refer to Figure 18 ➁).
Also, set the NOP instruction for the case when a skip is per-
formed with the SNZ0 instruction (refer to Figure 18 ➂).
LA
4
; (✕✕✕02)
TV1A
; The SNZ0 instruction is valid ........... ➀
LA
8
; (1✕✕✕2)
TI1A
; Control of INT0 pin input is changed
NOP
........................................................... ➁
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
........................................................... ➂
✕ : these bits are not used here.
Fig. 18 External 0 interrupt program example-1
➁ Note [2] on bit 3 of register I1
When the bit 3 of register I1 is cleared to “0”, the RAM back-up
mode is selected and the input of INT0 pin is disabled, be careful
about the following notes.
• When the input of INT0 pin is disabled (register I13 = “0”), set the
key-on wakeup function to be invalid (register K20 = “0”) before
system enters to the RAM back-up mode. (refer to Figure 19➀).
LA
0
; (✕✕✕02)
TK2A
; Input of INT0 key-on wakeup invalid .. ➀
DI
EPOF
POF
; RAM back-up
✕ : these bits are not used here.
Fig. 19 External 0 interrupt program example-2
➂ Note on bit 2 of register I1
When the interrupt valid waveform of the P30/INT0 pin is
changed with the bit 2 of register I1 in software, be careful about
the following notes.
• Depending on the input state of the P30/INT0 pin, the external 0
interrupt request flag (EXF0) may be set when the bit 2 of regis-
ter I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer to
Figure 20➀) and then, change the bit 2 of register I1.
In addition, execute the SNZ0 instruction to clear the EXF0 flag to
“0” after executing at least one instruction (refer to Figure 20➁).
Also, set the NOP instruction for the case when a skip is per-
formed with the SNZ0 instruction (refer to Figure 20➂).
LA
4
; (✕✕✕02)
TV1A
; The SNZ0 instruction is valid ........... ➀
LA
12
; (✕1✕✕2)
TI1A
; Interrupt valid waveform is changed
NOP
........................................................... ➁
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
........................................................... ➂
✕ : these bits are not used here.
Fig. 20 External 0 interrupt program example-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com