| Electronic Components Datasheet Search |
|
4518 Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4518 Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 160 page ![]() Rev.3.01 2005.06.15 page 27 of 157 REJ03B0008-0301 4518 Group (3) External interrupt control registers • Interrupt control register I1 Register I1 controls the valid waveform for the external 0 inter- rupt. Set the contents of this register through register A with the TI1A instruction. The TAI1 instruction can be used to transfer the contents of register I1 to register A. Table 8 External interrupt control register • Interrupt control register I2 Register I2 controls the valid waveform for the external 1 inter- rupt. Set the contents of this register through register A with the TI2A instruction. The TAI2 instruction can be used to transfer the contents of register I2 to register A. I13 I12 I11 I10 INT0 pin input control bit Interrupt valid waveform for INT0 pin/ return level selection bit INT0 pin edge detection circuit control bit INT0 pin Timer 1 count start synchronous circuit selection bit Interrupt control register I1 R/W TAI1/TI1A at RAM back-up : state retained at reset : 00002 INT0 pin input disabled INT0 pin input enabled Falling waveform/“L” level (“L” level is recognized with the SNZI0 instruction) Rising waveform/“H” level (“H” level is recognized with the SNZI0 instruction) One-sided edge detected Both edges detected Timer 1 count start synchronous circuit not selected Timer 1 count start synchronous circuit selected 0 1 0 1 0 1 0 1 I23 I22 I21 I20 INT1 pin input control bit (Note 2) Interrupt valid waveform for INT1 pin/ return level selection bit (Note 2) INT1 pin edge detection circuit control bit INT1 pin Timer 3 count start synchronous circuit selection bit Interrupt control register I2 R/W TAI2/TI2A at RAM back-up : state retained at reset : 00002 INT1 pin input disabled INT1 pin input enabled Falling waveform/“L” level (“L” level is recognized with the SNZI1 instruction) Rising waveform/“H” level (“H” level is recognized with the SNZI1 instruction) One-sided edge detected Both edges detected Timer 3 count start synchronous circuit not selected Timer 3 count start synchronous circuit selected 0 1 0 1 0 1 0 1 Notes 1: “R” represents read enabled, and “W” represents write enabled. 2: When the contents of I12, I13 I22 and I23 are changed, the external interrupt request flag (EXF0, EXF1) may be set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |