Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 69Page - Renesas Technology Corp 4518 Datasheet HTML 70Page - Renesas Technology Corp 4518 Datasheet HTML 71Page - Renesas Technology Corp 4518 Datasheet HTML 72Page - Renesas Technology Corp 4518 Datasheet HTML 73Page - Renesas Technology Corp 4518 Datasheet HTML 74Page - Renesas Technology Corp 4518 Datasheet HTML 75Page - Renesas Technology Corp 4518 Datasheet HTML 76Page - Renesas Technology Corp 4518 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 160 page
background image
Rev.3.01
2005.06.15
page 73 of 157
REJ03B0008-0301
4518 Group
LA
0
; (✕0✕✕2)
TV1A
; The SNZT1 instruction is valid ........ ➀
LA
0
; (✕0✕✕2)
TW5A
; Period measurement circuit stop
NOP
........................................................... ➁
SNZT1
; The SNZT1 instruction is executed
(T1F flag cleared)
NOP
........................................................... ➂
✕ : these bits are not used here.
Fig. 65 Period measurement circuit program example
15 Period measurement circuit
When a period measurement circuit is used, clear bit 0 of regis-
ter I1 to “0”, and set a timer 1 count start synchronous circuit to
be “not selected”.
Start timer operation immediately after operation of a period
measurement circuit is started.
When the edge for measurement is input until timer operation is
started from the operation of period measurement circuit is
started, the count operation is not executed until the timer opera-
tion becomes valid. Accordingly, be careful of count data.
When data is read from timer, stop the timer and clear bit 2 of
register W5 to “0” to stop the period measurement circuit, and
then execute the data read instruction.
Depending on the state of timer 1, the timer 1 interrupt request
flag (T1F) may be set to “1” when the period measurement cir-
cuit is stopped by clearing bit 2 of register W5 to “0”. In order to
avoid the occurrence of an unexpected interrupt, clear the bit 2
of register V1 to “0” (refer to Figure 65➀) and then, stop the bit 2
of register W5 to “0” to stop the period measurement circuit.
In addition, execute the SNZT1 instruction to clear the T1F flag
after executing at least one instruction (refer to Figure 65➁).
Also, set the NOP instruction for the case when a skip is per-
formed with the SNZT1 instruction (refer to Figure 65➂).
While a period measurement circuit is operating, the timer 1 in-
terrupt request flag (T1F) is not set by the timer 1 underflow
signal, it is the flag for detecting the completion of period mea-
surement.
When a period measurement circuit is used, select the suffi-
ciently higher-speed frequency than the signal for measurement
for the count source of a timer 1.
When the signal for period measurement is D6/CNTR0 pin input,
do not select D6/CNTR0 pin input as timer 1 count source.
(The XIN input is recommended as timer 1 count source at the
time of period measurement circuit use.)
When the input of P30/INT0 pin is selected for measurement, set
the bit 3 of a register I1 to “1”, and set the input of INT0 pin to be
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com