Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 67Page - Renesas Technology Corp 4518 Datasheet HTML 68Page - Renesas Technology Corp 4518 Datasheet HTML 69Page - Renesas Technology Corp 4518 Datasheet HTML 70Page - Renesas Technology Corp 4518 Datasheet HTML 71Page - Renesas Technology Corp 4518 Datasheet HTML 72Page - Renesas Technology Corp 4518 Datasheet HTML 73Page - Renesas Technology Corp 4518 Datasheet HTML 74Page - Renesas Technology Corp 4518 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
Rev.3.01
2005.06.15
page 71 of 157
REJ03B0008-0301
4518 Group
➃ Stack registers (SKS)
Stack registers (SKs) are eight identical registers, so that subrou-
tines can be nested up to 8 levels. However, one of stack
registers is used respectively when using an interrupt service
routine and when executing a table reference instruction. Accord-
ingly, be careful not to over the stack when performing these
operations together.
10
11
➄ Multifunction
• The input/output of P30 and P31 can be used even when INT0
and INT1 are selected.
• The input of ports P20–P22 can be used even when SIN, SOUT
and SCK are selected.
• The input/output of D6 can be used even when CNTR0 (input) is
selected.
• The input of D6 can be used even when CNTR0 (output) is selected.
• The input/output of D7 can be used even when CNTR1 (input) is
selected.
• The input of D7 can be used even when CNTR1 (output) is selected.
➅ Prescaler
Stop counting and then execute the TABPS instruction to read
from prescaler data.
Stop counting and then execute the TPSAB instruction to set
prescaler data.
➆ Timer count source
Stop timer 1, 2, 3 and 4 counting to change its count source.
➇ Reading the count value
Stop timer 1, 2, 3 or 4 counting and then execute the data read
instruction (TAB1, TAB2, TAB3, TAB4) to read its data.
➈ Writing to the timer
Stop timer 1, 2, 3 or 4 counting and then execute the data write
instruction (T1AB, T2AB, T3AB, T4AB) to write its data.
Writing to reload register R1, R3, R4H
When writing data to reload register R1, reload register R3 or re-
load register R4H while timer 1, timer 3 or timer 4 is operating,
avoid a timing when timer 1, timer 3 or timer 4 underflows.
Timer 4
Avoid a timing when timer 4 underflows to stop timer 4 at the use
of PWM output function.
When “H” interval extension function of the PWM signal is set to
be “valid”, set “1” or more to reload register R4H.
LIST OF PRECAUTIONS
➀ Noise and latch-up prevention
Connect a capacitor on the following condition to prevent noise
and latch-up;
• connect a bypass capacitor (approx. 0.1
µF) between pins VDD
and VSS at the shortest distance,
• equalize its wiring in width and length, and
• use relatively thick wire.
In the One Time PROM version, CNVSS pin is also used as VPP
pin. Accordingly, when using this pin, connect this pin to VSS
through a resistor about 5 k
Ω (connect this resistor to CNVSS/
VPP pin as close as possible).
➁ Register initial values 1
The initial value of the following registers are undefined after sys-
tem is released from reset. After system is released from reset,
set initial values.
• Register Z (2 bits)
• Register D (3 bits)
• Register E (8 bits)
➂ Register initial values 2
The initial value of the following registers are undefined at RAM back-
up. After system is returned from RAM back-up, set initial values.
• Register Z (2 bits)
• Register X (4 bits)
• Register Y (4 bits)
• Register D (3 bits)
• Register E (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com