Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 76Page - Renesas Technology Corp 4518 Datasheet HTML 77Page - Renesas Technology Corp 4518 Datasheet HTML 78Page - Renesas Technology Corp 4518 Datasheet HTML 79Page - Renesas Technology Corp 4518 Datasheet HTML 80Page - Renesas Technology Corp 4518 Datasheet HTML 81Page - Renesas Technology Corp 4518 Datasheet HTML 82Page - Renesas Technology Corp 4518 Datasheet HTML 83Page - Renesas Technology Corp 4518 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 160 page
background image
Rev.3.01
2005.06.15
page 80 of 157
REJ03B0008-0301
4518 Group
Falling edge
Rising edge
Falling edge
Rising edge
CNTR1 output auto-control circuit not selected
CNTR1 output auto-control circuit selected
D6 (I/O) / CNTR0 (input)
CNTR0 (I/O) /D6 (input)
CNTR1 pin input count edge selection bit
CNTR0 pin input count edge selection bit
CNTR1 output auto-control circuit
selection bit
D6/CNTR0 pin function selection bit
0
1
0
1
0
1
0
1
Timer control register W6
at RAM back-up : state retained
at reset : 00002
W63
W62
W61
W60
D7 (I/O) / CNTR1 (input)
CNTR1 (I/O) / D7 (input)
PWM signal “H” interval expansion function invalid
PWM signal “H” interval expansion function valid
Stop (state retained)
Operating
XIN input
Prescaler output (ORCLK) divided by 2
D7/CNTR1 pin function selection bit
PWM signal
“H” interval expansion function control bit
Timer 4 control bit
Timer 4 count source selection bit
0
1
0
1
0
1
0
1
W43
W42
W41
W40
W51
0
0
1
1
Not used
Period measurement circuit control bit
Signal for period measurement selection
bits
0
1
0
1
W50
0
1
0
1
Timer control register W5
at RAM back-up : state retained
at reset : 00002
W53
W52
W51
W50
This bit has no function, but read/write is enabled.
Stop
Operating
Count source
On-chip oscillator (f(RING/16))
CNTR0 pin input
INT0 pin input
Not available
R/W
TAW4/TW4A
Timer control register W4
at RAM back-up : 00002
at reset : 00002
R/W
TAW5/TW5A
R/W
TAW6/TW6A
W31
0
0
1
1
Timer 3 count auto-stop circuit not selected
Timer 3 count auto-stop circuit selected
Stop (state retained)
Operating
Count source
PWM signal (PWMOUT)
Prescaler output (ORCLK)
Timer 2 underflow signal (T2UDF)
CNTR1 input
Timer 3 count auto-stop circuit selection
bit (Note 2)
Timer 3 control bit
Timer 3 count source selection bits
0
1
0
1
W30
0
1
0
1
Timer control register W3
at RAM back-up : state retained
at reset : 00002
W33
W32
W31
W30
R/W
TAW3/TW3A
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: This function is valid only when the timer 3 count start synchronous circuit is selected (I20=“1”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com