Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 130Page - Renesas Technology Corp 4518 Datasheet HTML 131Page - Renesas Technology Corp 4518 Datasheet HTML 132Page - Renesas Technology Corp 4518 Datasheet HTML 133Page - Renesas Technology Corp 4518 Datasheet HTML 134Page - Renesas Technology Corp 4518 Datasheet HTML 135Page - Renesas Technology Corp 4518 Datasheet HTML 136Page - Renesas Technology Corp 4518 Datasheet HTML 137Page - Renesas Technology Corp 4518 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 160 page
background image
DI
EI
SNZ0
SNZ1
SNZI0
SNZI1
TAV1
TV1A
TAV2
TV2A
TAI1
TI1A
TAI2
TI2A
TPAA
TAW1
TW1A
TAW2
TW2A
TAW3
TW3A
TAW4
TW4A
(INTE)
← 0
(INTE)
← 1
V10 = 0: (EXF0) = 1 ?
After skipping, (EXF0)
← 0
V10 = 1: SNZ0 = NOP
V11 = 0: (EXF1) = 1 ?
After skipping, (EXF1)
← 0
V11 = 1: SNZ1 = NOP
I12 = 1 : (INT0) = “H” ?
I12 = 0 : (INT0) = “L” ?
I22 = 1 : (INT1) = “H” ?
I22 = 0 : (INT1) = “L” ?
(A)
← (V1)
(V1)
← (A)
(A)
← (V2)
(V2)
← (A)
(A)
← (I1)
(I1)
← (A)
(A)
← (I2)
(I2)
← (A)
(PA0)
← (A0)
(A)
← (W1)
(W1)
← (A)
(A)
← (W2)
(W2)
← (A)
(A)
← (W3)
(W3)
← (A)
(A)
← (W4)
(W4)
← (A)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
00 4
00 5
03 8
03 9
03 A
03 B
05 4
03 F
05 5
03 E
25 3
21 7
25 4
21 8
2A A
24 B
20 E
24 C
20 F
24 D
21 0
24 E
21 1
0000000100
0000000101
0000111000
0000111001
0000111010
0000111011
0001010100
0000111111
0001010101
0000111110
1001010011
1000010111
1001010100
1000011000
1010101010
1001001011
1000001110
1001001100
1000001111
1001001101
1000010000
1001001110
1000010001
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)
Rev.3.01
2005.06.15
page 134 of 157
REJ03B0008-0301
4518 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com