Electronic Components Datasheet Search
  English  ▼

X  

M37160MF Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # M37160MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37160MF Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button M37160MF Datasheet HTML 121Page - Renesas Technology Corp M37160MF Datasheet HTML 122Page - Renesas Technology Corp M37160MF Datasheet HTML 123Page - Renesas Technology Corp M37160MF Datasheet HTML 124Page - Renesas Technology Corp M37160MF Datasheet HTML 125Page - Renesas Technology Corp M37160MF Datasheet HTML 126Page - Renesas Technology Corp M37160MF Datasheet HTML 127Page - Renesas Technology Corp M37160MF Datasheet HTML 128Page - Renesas Technology Corp M37160MF Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 131 page
background image
Rev.1.01
2003.11.13
page 125 of 130
M37160M8/MA/MF-XXXSP/FP,M37160EFSP/FP
b7 b6 b5 b4 b3 b2 b1 b0
PWM mode register 2 (PM2) [Address 020916]
B
After reset R W
PWM Mode Register 2
0
1
2
3
4
0
Name
Functions
P00/PWM0 output
selection bit (PM20)
0 : P00 output
1 : PWM0 output
P02/PWM2 output
selection bit (PM22)
0 : P02 output
1 : PWM2 output
P03/PWM3 output
selection bit (PM23)
0 : P03 output
1 : PWM3 output
P04/PWM4 output
selection bit (PM24)
0 : P04 output
1 : PWM4 output
6, 7 Fix these bits to “0.”
P01/PWM1 output
selection bit (PM21)
0 : P01 output
1 : PWM1 output
0
0
0
0
0
RW
RW
RW
RW
RW
RW
0 0
P00/PWM0/DA output
selection bit (PM25)
0 : P00 PWM0 output
1 : DA output
0R W
5
b7 b6 b5 b4 b3 b2 b1 b0
ROM correction enable register (RCR) [Address 020E 16]
B
After reset
RW
ROM Correction Enable Register
0
Vector 1 enable bit (RC0)
Name
Functions
0: Disabled
1: Enabled
1
Vector 2 enable bit (RC1)
0: Disabled
1: Enabled
2
to
7
Nothing is assigned. These bits are write disable bits. When
these bits are read out, the values are “0.”
0
0
0
RW
RW
R —
Address 020916
Address 020E16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com