Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 30Page - Renesas Technology Corp R8C/10 Datasheet HTML 31Page - Renesas Technology Corp R8C/10 Datasheet HTML 32Page - Renesas Technology Corp R8C/10 Datasheet HTML 33Page - Renesas Technology Corp R8C/10 Datasheet HTML 34Page - Renesas Technology Corp R8C/10 Datasheet HTML 35Page - Renesas Technology Corp R8C/10 Datasheet HTML 36Page - Renesas Technology Corp R8C/10 Datasheet HTML 37Page - Renesas Technology Corp R8C/10 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 24 of 180
REJ09B0019-0120
Modes
OCD register
OCD2
CM1 register
CM17, CM16
CM0 register
CM06
CM05
High-speed mode
0002
00
Medium-
speed
mode
0012
00
0102
00
divided by 2
01
0
0112
00
On-chip
oscillator
mode
divided by 4
divided by 8
divided by 16
1012
00 or 1
1102
00 or 1
11
0 or 1
1112
00 or 1
1002
00 or 1
divided by 2
divided by 4
divided by 8
divided by 16
no division
CM13
1
1
1
1
1
6.4 Power Control
There are three power control modes. All modes other than wait and stop modes are referred to as
normal operation mode.
6.4.1 Normal Operation Mode
Normal operation mode is further classified into three modes.
In normal operation mode, because the CPU clock and the peripheral function clocks both are on, the
CPU and the peripheral functions are operating. Power control is exercised by controlling the CPU
clock frequency. The higher the CPU clock frequency, the greater the processing capability. The lower
the CPU clock frequency, the smaller the power consumption in the chip. If the unnecessary oscillator
circuits are turned off, the power consumption is further reduced.
Before the clock sources for the CPU clock can be switched over, the new clock source to which
switched must be oscillating stably. If the new clock source is the main clock, allow a sufficient wait
time in a program until it becomes oscillating stably.
• High-speed Mode
The main clock divided by 1 undivided provides the CPU clock. If the CM14 bit is set to “0” (on-chip
oscillator on), the fRING is used as the count source for timer Y.
• Medium-speed Mode
The main clock divided by 2, 4, 8 or 16 provides the CPU clock. If the CM14 bit is set to “0” (on-chip
oscillator on), the fRING is used as the count source for timer Y.
• On-Chip Oscillator Mode
The on-chip oscillator clock divided by 1 (undivided), 2, 4, 8 or 16 provides the CPU clock. The on-
chip oscillator clock is also the clock source for the peripheral function clocks.
6.4 Power Control
Table 6.2 Setting Clock Related Bit and Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com