Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 67Page - Renesas Technology Corp R8C/10 Datasheet HTML 68Page - Renesas Technology Corp R8C/10 Datasheet HTML 69Page - Renesas Technology Corp R8C/10 Datasheet HTML 70Page - Renesas Technology Corp R8C/10 Datasheet HTML 71Page - Renesas Technology Corp R8C/10 Datasheet HTML 72Page - Renesas Technology Corp R8C/10 Datasheet HTML 73Page - Renesas Technology Corp R8C/10 Datasheet HTML 74Page - Renesas Technology Corp R8C/10 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 61 of 180
REJ09B0019-0120
12.1.4 Pulse Width Measurement Mode
_____
In this mode, the timer measures the pulse width of an external signal fed to INT1/CNTR0 pin (See
“Table 12.5 Pulse Width Measurement Mode Specifications”). Figure 12.7 shows the TXMR register
in pulse width measurement mode. Figure 12.8 shows an operation example in pulse width measure-
ment mode.
Item
Specification
Count source
f1, f2, f8, f32
Count operation
• Down-count
• Continuously counts the selected signal only when the measurement pulse is "H" level,
or conversely only "L" level.
• When the timer underflows, the contents in the reload register is reloaded and the count
is continued
Count start condition
Write “1” (count start) to TXS bit in TXMR register
Count stop condition
Write “0” (count stop) to TXS bit in TXMR register
Interrupt request
• When Timer X underflows [Timer X interruption]
generation timing
• Rising or falling of CNTR0 input (end of measurement period) [INT1 interrupt]
INT1/CNTR0 pin function
Measurement pulse input
CNTR0 pin function
Programmable I/O port
Read from timer
Count value can be read by reading TX register
Same applies to PREX register.
Write to timer
Value written to TX register is written to both reload register and counter.
Same applies to PREX register.
Select function
• INT1/CNTR0 polarity switching function
“H” or “L” level duration can be selected with R0EDG bit as the input pulse measurement
Table 12.5 Pulse Width Measurement Mode Specifications
Figure 12.7 TXMR Register in Pulse Width Measurement Mode
12.1 Timer (Timer X)
Timer X mode register
SymbolAddressAfter reset
TXMR008B16
0016
Bit name
Function
Bit symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
b1 b0
TXMOD1
TXMOD0
Operation mode
select bit 0, 1
0
1
0
RW
RW
00
1
1 1 : Pulse width measurement mode
R0EDG
RW
INT1/CNTR0 polarity
switching bit(1)
TXMOD2
TXS
TXOCNT
Timer X count
start flag
0 : Stops counting
1 : Starts counting
Set to "0" in pulse width measurement mode
TXEDG
TXUND
RW
RW
RW
RW
RW
NOTES:
1. IThe IR bit in the INT1IC register may be set to “1” (interrupt requested) when the R0EDG bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
Set to "0" in pulse width measurement mode
Set to "0" in pulse width measurement mode
Set to "0" in pulse width measurement mode
[CNTR0]
0 : Measures “H” level width
1 : Measures “L” level width
[INT1]
0 : Rising edge
1 : Falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com