Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 48Page - Renesas Technology Corp R8C/10 Datasheet HTML 49Page - Renesas Technology Corp R8C/10 Datasheet HTML 50Page - Renesas Technology Corp R8C/10 Datasheet HTML 51Page - Renesas Technology Corp R8C/10 Datasheet HTML 52Page - Renesas Technology Corp R8C/10 Datasheet HTML 53Page - Renesas Technology Corp R8C/10 Datasheet HTML 54Page - Renesas Technology Corp R8C/10 Datasheet HTML 55Page - Renesas Technology Corp R8C/10 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 42 of 180
REJ09B0019-0120
Interrupt factors
7
Level that is set to IPL
Watchdog timer, oscillation stop detection
Software, address match, single-step
Not changed
• Variation of IPL when Interrupt Request is Accepted
When a maskable interrupt request is accepted, the interrupt priority level of the accepted interrupt is
set in the IPL.
When a software interrupt or special interrupt request is accepted, one of the interrupt priority levels
listed in Table 10.5 is set in the IPL. Shown in Table 10.5 are the IPL values of software and special
interrupts when they are accepted.
Table 10.5 IPL Level That Is Set to IPL When A Software or Special Interrupt Is Accepted
Figure 10.5 Interrupt Response Time
• Interrupt Response Time
Figure 10.5 shows the interrupt response time. The interrupt response or interrupt acknowledge time
denotes a time from when an interrupt request is generated till when the first instruction in the inter-
rupt routine is executed. Specifically, it consists of a time from when an interrupt request is gener-
ated till when the instruction then executing is completed (see #a in Figure 10.5) and a time during
which the interrupt sequence is executed (20 cycles, see #b in Figure 10.5).
Instruction
Interrupt sequence
Instruction in
interrupt routine
Time
Interrupt response time
(a)
20 cycles (b)
Interrupt request acknowledged
Interrupt request generated
(a) A time from when an interrupt request is generated till when the instruction then
executing is completed. The length of this time varies with the instruction being
executed. The DIVX instruction requires the longest time, which is equal to 30 cycles
(without wait state, the divisor being a register).
(b) 21 cycles for address match and single-step interrupts.
10.1 Interrupt Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com