Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 96Page - Renesas Technology Corp R8C/10 Datasheet HTML 97Page - Renesas Technology Corp R8C/10 Datasheet HTML 98Page - Renesas Technology Corp R8C/10 Datasheet HTML 99Page - Renesas Technology Corp R8C/10 Datasheet HTML 100Page - Renesas Technology Corp R8C/10 Datasheet HTML 101Page - Renesas Technology Corp R8C/10 Datasheet HTML 102Page - Renesas Technology Corp R8C/10 Datasheet HTML 103Page - Renesas Technology Corp R8C/10 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 199 page
background image
R8C/10 Group
13. Serial InterfaceI
Rev.1.20 Jan 27, 2006
page 90 of 180
REJ09B0019-0120
i=0, 1
SP: Stop bit
PAR: Parity bit
SP
SP
PAR
2SP
1SP
UART
UART (7 bits)
UART (8 bits)
UART (7 bits)
UART (9 bits)
Clock
synchronous
type
Clock
synchronous type
TxDi
UARTi transmit register
PAR
enabled
PAR
disabled
D8
D7
D6
D5
D4
D3
D2
D1
D0
UiTB register
MSB/LSB conversion circuit
UART (8 bits)
UART (9 bits)
Clock
synchronous
type
UiRB register
UARTi receive register
2SP
1SP
PAR
enabled
PAR
disabled
UART
UART (7 bits)
UART (9 bits)
Clock
synchronous
type
Clock
synchronous
type
UART (7 bits)
UART (8 bits)
RxDi
Clock
synchronous type
UART (8 bits)
UART (9 bits)
Data bus low-order bits
MSB/LSB conversion circuit
D7
D6
D5
D4
D3
D2
D1
D0
D8
0
0000
00
SPSP
PAR
“0”
Data bus high-order bits
NOTES:
1. Clock synchronous type is provide in UART0 only.
PRYE=1
PRYE=0
PRYE=0
PRYE=1
Figure 13.2 UARTi Transmit/Receive Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com