Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 60Page - Renesas Technology Corp R8C/10 Datasheet HTML 61Page - Renesas Technology Corp R8C/10 Datasheet HTML 62Page - Renesas Technology Corp R8C/10 Datasheet HTML 63Page - Renesas Technology Corp R8C/10 Datasheet HTML 64Page - Renesas Technology Corp R8C/10 Datasheet HTML 65Page - Renesas Technology Corp R8C/10 Datasheet HTML 66Page - Renesas Technology Corp R8C/10 Datasheet HTML 67Page - Renesas Technology Corp R8C/10 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 199 page
background image
R8C/10 Group
11. Watchdog Timer
Rev.1.20 Jan 27, 2006
page 54 of 180
REJ09B0019-0120
Watchdog timer start register
Symbol
Address
After reset
WDTS
000E16
Indeterminate
WO
b7
b0
Function
The watchdog timer starts counting after a write instruction to this register.
RW
Watchdog timer reset register
Symbol
Address
After reset
WDTR
000D16
Indeterminate
WO
b7
b0
Function
RW
The watchdog is initialized after a write instruction to this register.
The watchdog timer value is always initialized to “7FFF16” regardless of
whatever value is written.
Figure 11.2 WDC Register, WDTR Register, and WDTS Register
Watchdog timer control register
Symbol
Address
After reset
WDC
000F16
000111112
Function
Bit symbolRW
b7b6b5b4b3b2b1b0
High-order bit of watchdog timer
WDC7
Bit name
Prescaler select bit0 : Divided by 16
1 : Divided by 128
Reserved bitMust set to “0”
0
RO
RW
RW
RW
(b4-b0)
(b6)
0
(b5)
Reserved bitMust set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com