Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 56Page - Renesas Technology Corp R8C/10 Datasheet HTML 57Page - Renesas Technology Corp R8C/10 Datasheet HTML 58Page - Renesas Technology Corp R8C/10 Datasheet HTML 59Page - Renesas Technology Corp R8C/10 Datasheet HTML 60Page - Renesas Technology Corp R8C/10 Datasheet HTML 61Page - Renesas Technology Corp R8C/10 Datasheet HTML 62Page - Renesas Technology Corp R8C/10 Datasheet HTML 63Page - Renesas Technology Corp R8C/10 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 50 of 180
REJ09B0019-0120
Key input interrupt
request
Pull-up
transistor
Pull-up
transistor
Pull-up
transistor
KI3
KI2
PU02 bit in PUR0 register
PD1_3 bit in PD1 register
KI1
KI0
PD1_3 bit
KI3EN bit
PD1_2 bit
KI2EN bit
PD1_1 bit
KI1EN bit
PD1_0 bit
KI0EN bit
KI3PL=1
KI3PL=0
KI2PL=1
KI2PL=0
KI1PL=1
KI1PL=0
KI0PL=1
KI0PL=0
KUPIC register
Interrupt control circuit
Pull-up
transistor
KI0EN, KI1EN, KI2EN, KI3EN,
KI0PL, KI1PL, KI2PL, KI3PL: Bits in KIEN register
PD1_0, PD1_1, PD1_2, PD1_3: Bits in PD1 register
Figure 10.15 Key Input Interrupt
10.3 Key Input Interrupt
_____
_____
A key input interrupt is generated on an input edge of any of the K10 to K13 pins. Key input interrupts can
_____
be used as a key-on wakeup function to exit wait or stop mode. KIi input can be enabled or disabled
selecting with the KIiEN (i=0 to 3) bit in the KIEN register. The edge polarity can be rising edge or falling
_____
edge selecting with the KIiPL bit in the KIEN register. Note, however, that while input on any KIi pin which
has had the KIiPL bit set to “0” (falling edge) is pulled low, inputs on all other pins of the port are not
_____
detected as interrupts. Similarly, while input on any KIi pin which has had the KIiPL bit set to “1” (rising
edge) is pulled high, inputs on all other pins of the port are not detected as interrupts.
Figure 10.15 shows a block diagram of the key input interrupt.
Figure 10.16 KIEN Register
Key input enable register
Bit name
Function
Bit symbol
RW
SymbolAddressAfter reset
KIEN
009816
0016
KI0EN
b7b6b5b4b3b2b1
b0
KI0 input enable bit
0 : Disabled
1 : Enabled
0 : Falling edge
1 : Rising edges
0 : Disabled
1 : Enabled
0 : Falling edge
1 : Rising edges
0 : Disabled
1 : Enabled
KI0 input polarity select bit
KI1 input enable bit
KI1 input polarity select bit
KI2 input enable bit
KI2 input polarity select bit
0 : Falling edge
1 : Rising edges
KI0PL
KI1EN
KI1PL
KI2EN
KI2PL
KI3 input enable bit
0 : Disabled
1 : Enabled
KI3EN
KI3 input polarity select bit
0 : Falling edge
1 : Rising edges
KI3PL
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. The IR bit in the KUPIC register may be set to “1” (interrupt requested) when the KIEN register is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
10.3 Key Input Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com