Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 26Page - Renesas Technology Corp R8C/10 Datasheet HTML 27Page - Renesas Technology Corp R8C/10 Datasheet HTML 28Page - Renesas Technology Corp R8C/10 Datasheet HTML 29Page - Renesas Technology Corp R8C/10 Datasheet HTML 30Page - Renesas Technology Corp R8C/10 Datasheet HTML 31Page - Renesas Technology Corp R8C/10 Datasheet HTML 32Page - Renesas Technology Corp R8C/10 Datasheet HTML 33Page - Renesas Technology Corp R8C/10 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 20 of 180
REJ09B0019-0120
RW
RW
RW
RO
b7b6b5b4b3b2b1b0
OCD0
OCD1
OCD2
OCD3
0
00
0
Oscillation stop detection register(1)
SymbolAddressAfter reset
OCD
000C16
0416
Bit name
Function
Bit symbol
System clock select bit(6)
0 0: The function is disabled(4)
0 1: Avoid this setting
1 0: Avoid this setting
1 1: The function is enabled(7)
0: Select main clock(7)
1: Select on-chip oscillator clock(2)
0: Main clock on
1: Main clock off
Oscillation stop
detection enable bit
Clock monitor bit(3, 5)
Reserved bit
Set to "0"
NOTES:
1. Set the PRC0 bit in the PRCR register to “1” (write enable) before rewriting this register.
2. The OCD2 bit is set to “1” (selecting on-chip oscillator clock) automatically if a main clock oscillation stop
is detected while the OCD1 to OCD0 bits are set to “112” (oscillation stop detection function disabled). If
the OCD3 bit is set to “1” (main clock stop), the OCD2 bit remains unchanged when trying to write “0”
(selecting main clock).
3. The OCD3 bit is enabled when the OCD1 to OCD0 bits are set to “112” (oscillation stop detection function
enabled).
4. The OCD1 to OCD0 bits must be set to “002” (oscillation stop detection function disabled) before entering
stop mode or on-chip oscillator mode (main clock stops).
5. The OCD3 bit remains set to “0” (main clock on) if the OCD1 to OCD0 bits are set to “002”.
6. The CM14 bit goes to “0” (on-chip oscillator on) if the OCD2 bit is set to “1” (selecting on-chip oscillator
clock).
7. Refer to Figure 6.6 “switching clock source from on-chip oscillator to main clock” for the switching
procedure when the main clock re-oscillates after detecting an oscillation stop.
b1 b0
(b7-b4)
RW
Figure 6.3 OCD Register
6. Clock Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com