Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 28Page - Renesas Technology Corp R8C/10 Datasheet HTML 29Page - Renesas Technology Corp R8C/10 Datasheet HTML 30Page - Renesas Technology Corp R8C/10 Datasheet HTML 31Page - Renesas Technology Corp R8C/10 Datasheet HTML 32Page - Renesas Technology Corp R8C/10 Datasheet HTML 33Page - Renesas Technology Corp R8C/10 Datasheet HTML 34Page - Renesas Technology Corp R8C/10 Datasheet HTML 35Page - Renesas Technology Corp R8C/10 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 22 of 180
REJ09B0019-0120
6.2 On-Chip Oscillator Clock
This clock, approximately 125 kHz, is supplied by the on-chip oscillator. This clock is used as the clock
source for the CPU clock, peripheral function clock, fRING, and fRING128.
After reset, the on-chip oscillator clock divided by 8 is selected for the CPU clock.
To use the main clock for the CPU clock, set the OCD2 in the OCD register to “0” (selecting main clock)
after the main clock becomes oscillating stably. If the main clock stops oscillating when the OCD1 to
OCD0 bits in the OCD register is “112” (oscillation stop detection function enabled), the on-chip oscillator
automatically starts operating, supplying the necessary clock for the microcomputer.
The frequency of the on-chip oscillator varies depending on the supply voltage and the operation ambient
temperature. The application products must be designed with sufficient margin for the frequency change.
6.2 On-chip Oscillator Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com