Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 45Page - Renesas Technology Corp R8C/10 Datasheet HTML 46Page - Renesas Technology Corp R8C/10 Datasheet HTML 47Page - Renesas Technology Corp R8C/10 Datasheet HTML 48Page - Renesas Technology Corp R8C/10 Datasheet HTML 49Page - Renesas Technology Corp R8C/10 Datasheet HTML 50Page - Renesas Technology Corp R8C/10 Datasheet HTML 51Page - Renesas Technology Corp R8C/10 Datasheet HTML 52Page - Renesas Technology Corp R8C/10 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 39 of 180
REJ09B0019-0120
Figure 10.3 Interrupt Control Registers
Symbol
AddressAfter reset
INT0IC
005D16
XX00X0002
Bit nameFunction
Bit symbol
b7b6
b5b4b3
b2b1b0
ILVL0
IR
POL
Interrupt priority level
select bit
Interrupt request bit
Polarity select bit(3, 4)
Reserved bit
0: Interrupt not requested
1: Interrupt requested
0 : Selects falling edge
1 : Selects rising edge
Set to “0”
ILVL1
ILVL2
NOTES:
1. Only "0" can be written to the IR bit. (Do not write "1").
2. To rewrite the interrupt control register, do so at a point that does not generate the interrupt request for that register.
Refer to the paragraph 19.2.6 “Changing Interrupt Control Registers” .
3. If the INTOPL bit in the INTEN register is set to “1” (both edges), set the POL bit to "0 " (selecting falling edge).
4. The IR bit may be set to “1” (interrupt requested) when the POL bit is rewritten. Refer to the paragraph 19.2.5
“Changing Interrupt Factor” .
Interrupt control register(2)
b7b6b5b4b3b2b1b0
Bit name
Function
Bit symbol
RW
Symbol
Address
After reset
KUPIC
004D16
XXXXX0002
ADIC
004E16
XXXXX0002
S0TIC, S1TIC
005116, 005316
XXXXX0002
S0RIC, S1RIC
005216, 005416
XXXXX0002
INT2IC
005516
XXXXX0002
TXIC
005616
XXXXX0002
TYIC
005716
XXXXX0002
TZIC
005816
XXXXX0002
INT1IC
005916
XXXXX0002
INT3IC
005A16
XXXXX0002
TCIC
005B16
XXXXX0002
ILVL0
IR
Interrupt priority level
select bit
Interrupt request bit
0 : Interrupt not requested
1 : Interrupt requested
ILVL1
ILVL2
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2b1b0
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0
RW
RW
RW
RW(1)
(b7-b4)
RW
RW
RW
RW
RW
RW(1)
RW
(b7-b6)
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
(b5)
10.1 Interrupt Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com