Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 25Page - Renesas Technology Corp R8C/10 Datasheet HTML 26Page - Renesas Technology Corp R8C/10 Datasheet HTML 27Page - Renesas Technology Corp R8C/10 Datasheet HTML 28Page - Renesas Technology Corp R8C/10 Datasheet HTML 29Page - Renesas Technology Corp R8C/10 Datasheet HTML 30Page - Renesas Technology Corp R8C/10 Datasheet HTML 31Page - Renesas Technology Corp R8C/10 Datasheet HTML 32Page - Renesas Technology Corp R8C/10 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 19 of 180
REJ09B0019-0120
System clock control register 0(1)
SymbolAddressAfter reset
CM0000616
6816
Bit nameFunction
Bit symbol
b7b6b5b4b3b2b1b0
Set to “0”
CM05
(b3)
(b1-b0)
CM02
CM06
Reserved bit
WAIT peripheral function
clock stop bit
0 : Do not stop peripheral function clock in wait mode
1 : Stop peripheral function clock in wait mode
Reserved bit
Set to “1”
Reserved bit
Set to “0”
Main clock (XIN-XOUT)stop
bit(2, 4)
0 : On
1 : Off(3)
CPU clock division select
bit 0(5)
0 : CM16 and CM17 valid
1 : Divide-by-8 mode
Reserved bit
Set to “0”
NOTES:
1. Set the PRC0 bit of PRCR register to “1” (write enable) before writing to this register.
2. The CM05 bit is provided to stop the main clock when the on-chip oscillator mode is selected. This bit cannot be used for detection as to
whether the main clock stopped or not. To stop the main clock, the following setting is required:
(1) Set the OCD0 and OCD1 bits in the OCD register to “002” (disabling oscillation stop detection function).
(2) Set the OCD2 bit to “1” (selecting on-chip oscillator clock).
3. Set the CM05 bit to “1” (main clock stops) and the CM13 bit in the CM1 register to “1” (XIN-XOUT pin) when the external clock is input.
4. When the CM05 bit is set to “1” (main clock stop), P46 and P47 can be used as input ports.
5. When entering stop mode from high or middle speed mode, the CM06 bit is set to “1” (divide-by-8 mode).
RW
RW
RW
RW
RW
RW
RW
RW
000 0
1
(b4)
(b7)
Figure 6.2 CM0 Register and CM1 Register
6. Clock Generation Circuit
System clock control register 1(1)
SymbolAddressAfter reset
CM1000716
2016
Bit nameFunction
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
CM10
All clock stop control bit(4)
0 : Clock on
1 : All clocks off (stop mode)
NOTES:
1. Write to this register after setting the PRC0 bit of PRCR register to “1” (write enable).
2. When entering stop mode from high or middle speed mode, the CM15 bit is set to “1” (drive capacity high).
3. Effective when the CM06 bit is “0” (CM16 and CM17 bits enable).
4. If the CM10 bit is “1” (stop mode), the internal feedback resistor becomes ineffective.
5. The CM14 bit can be set to “1” (on-chip oscillator off) if the OCD2 bit=0 (selecting main clock). When the OCD2 bit is set to “1”
(selecting on-chip oscillator clock), the CM14 bit is set to “0” (on-chip oscillator on). This bit remains unchanged when “1” is
written.
6. When the CM10 bit is set to “1” (stop mode) or the CM05 bit in the CM0 register to “1” (main clock stops) and the CM13 bit is set
to “1” (XIN-XOUT pin), the XOUT(P47) pin is held “H”.
When the CM13 bit is set to “0” (input port P46, P47), the P47 is in input state.
RW
Reserved bit
Set to
“0”
0
0
CM15
XIN-XOUT drive capacity
select bit(2)
0 : LOW
1 : HIGH
CM16
CM17
Main clock division
select bit 1(3)
0 0 : No division mode
0 1 : Division by 2 mode
1 0 : Division by 4 mode
1 1 : Division by 16 mode
b7 b6
RW
RW
RW
(b2)
Port XIN-XOUT switch bit
CM14
On-chip oscillation stop bit
0 : On-chip oscillator on
1 : On-chip oscillator off(5)
RW
Reserved bit
Set to
“0”
(b1)
CM13
0 : Input port P46, P47
1 : XIN-XOUT pin
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com