Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 55Page - Renesas Technology Corp R8C/10 Datasheet HTML 56Page - Renesas Technology Corp R8C/10 Datasheet HTML 57Page - Renesas Technology Corp R8C/10 Datasheet HTML 58Page - Renesas Technology Corp R8C/10 Datasheet HTML 59Page - Renesas Technology Corp R8C/10 Datasheet HTML 60Page - Renesas Technology Corp R8C/10 Datasheet HTML 61Page - Renesas Technology Corp R8C/10 Datasheet HTML 62Page - Renesas Technology Corp R8C/10 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 49 of 180
REJ09B0019-0120
Figure 10.14 TCC0 Register and TCC1 Register
______
10.2.4 INT3 Interrupt
_____
______
INT3 interrupts are triggered by INT3 inputs. The TCC07 bit in the TCC0 register should be se to “0”
______
_______
(INT3). The INT3 input has a digital filter which can be sampled by one of three sampling clocks. The
sampling clock is selected using the TCC11 to TCC10 bits in the TCC1 register. The IR bit in the
INT3IC register is set to “1” (interrupt requested) when the sampled input level matches three times.
The P3_3 bit in the P3 register indicates the previous value before filtering regardless of values set in
the TCC11 to TCC10 bits.
_______
The INT3 pin is shared with the TCIN pin.
_____
When setting the TCC07 bit to “1” (fRING128), INT3 interrupts are triggered by fRING128 clock. The IR
bit in the INT3IC register is set to “1” (interrupt requested) every fRING128 clock cycle or every half
fRING128 clock cycle.
Figure 10.14 shows the TCC0 and TCC1 registers.
10.2 INT Interrupt
Timer C control register 0
SymbolAddressAfter reset
TCC0009A16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : Avoid this setting
TCC04
TCC02
TCC01
TCC00
TCC03
Capture control bit
Timer C count source select
bit(1)
0 : Capture disabled
1 : Capture enabled
TCC07
b2 b1
Timer C control register 1
SymbolAddressAfter reset
TCC1009B16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TCC11
TCC10
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Avoid this setting
b4 b3
b1 b0
INT3 input filter select bit(1)
NOTES:
1. Input is recognized only when the same value from INT3 pin is sampled three times in succession.
RW
(b6-b5)
INT3 interrupt/capture input
polarity select bit(1, 2)
INT3 interrupt/capture input
switching bit(1, 2)
0 : INT3
1 : fRING128
RW
RW
RW
RW
Reserved bit
(b7-b2)
RW
RW
RW
RW
0 0 : No filter
0 1 : Filter with f1 sampling
1 0 : Filter with f8 sampling
1 1 : Filter with f32 sampling
NOTES:
1. Modify this bit when the TCC00 bit is set to “0” (count stops).
2. The IR bit in the INT3IC may be set to “1” (interrupt requested) when the TCC03, TCC04, or TCC07 bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
0
0
0
0
0
0
RW
RW
00
reserved bit
Set to "0"
Set to "0"
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com