| Electronic Components Datasheet Search |
|
R8C/10 Datasheet(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/10 Datasheet(HTML) 17 Page - Renesas Technology Corp |
|
17 / 199 page ![]() R8C/10 Group 2. Central Processing Unit (CPU) Rev.1.20 Jan 27, 2006 page 7 of 180 REJ09B0019-0120 2. Central Processing Unit (CPU) Figure 2.1 shows the CPU registers. The CPU has 13 registers. Of these, R0, R1, R2, R3, A0, A1 and FB comprise a register bank. Two sets of register banks are provided. 2.1 Data Registers (R0, R1, R2 and R3) R0 is a 16-bit register for transfer, arithmetic and logic operations. The same applies to R1 to R3. The R0 can be split into high-order bit (R0H) and low-order bit (R0L) to be used separately as 8-bit data registers. The same applies to R1H and R1L as R0H and R0L. R2 can be combined with R0 to be used as a 32-bit data register (R2R0). The same applies to R3R1 as R2R0. Data registers(1) Address registers(1) Frame base registers(1) Program counter Interrupt table register User stack pointer Interrupt stack pointer Static base register Flag register NOTES: 1. A regist er bank comprises t hese regist ers. Two set s of regist er banks are provided R0H (high-order of R0) b15 b8 b7 b0 R3 INTBH USP ISP SB C D Z S B O I U IPL R0L (high-order of R0) R1H (high-order of R1) R1L (high-order of R1) R2 b31 R3 R2 A1 A0 FB b19 INTBL b15 b0 PC b19 b0 b15 b0 FLG b15 b0 b15 b0 b7 b8 Reserved bit Carry flag Debug flag Zero flag Sign flag Register bank select flag Overflow flag Interrupt enable flag Stack pointer select flag Reserved bit Processor interrupt priority level The 4-high order bits of INTB are INTBH and the 16-low bits of INTB are INTBL. Figure 2.1 CPU Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |