Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 131Page - Renesas Technology Corp R8C/10 Datasheet HTML 132Page - Renesas Technology Corp R8C/10 Datasheet HTML 133Page - Renesas Technology Corp R8C/10 Datasheet HTML 134Page - Renesas Technology Corp R8C/10 Datasheet HTML 135Page - Renesas Technology Corp R8C/10 Datasheet HTML 136Page - Renesas Technology Corp R8C/10 Datasheet HTML 137Page - Renesas Technology Corp R8C/10 Datasheet HTML 138Page - Renesas Technology Corp R8C/10 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 199 page
background image
R8C/10 Group
15. Programmable I/O Ports
Rev.1.20 Jan 27, 2006
page 125 of 180
REJ09B0019-0120
Table 15.13 Port P14/TXD0 Setting
Register
Bit
Setting value
PD1
PD1_4
0
0
1
1
X
X
X
X
PUR0
PU03
0
1
X
X
X
X
X
X
U0MR
SMD2, SMD0
002
002
002
002
X1
1X
X1
1X
X1
1X
X1
1X
Function
Input port (not pulled up)
Input port (pulled up)
Output port
Output port (High drive)
TXD0 output, CMOS output
TXD0 output, CMOS output (High drive)
TXD0 output, N-channel open output
TXD0 output, N-channel open output (High drive)
DRR
DRR4
X
X
0
1
0
1
0
1
U0C0
NCH
X
X
X
X
0
0
1
1
Table 15.14 Port P15/RXD0 Setting
Register
Bit
Setting value
PD1
PD1_5
0
0
0
1
1
PUR0
PU03
0
1
0
X
X
Function
Input port (not pulled up)
Input port (pulled up)
RXD0 input
Output port
Output port (High drive)
DRR
DRR5
X
X
X
0
1
Table 15.15 Port P16/CLK0 Setting
Register
Bit
Setting value
PD1
PD1_6
0
0
0
1
1
X
X
PUR0
PU03
0
1
0
X
X
X
X
U0MR
SMD2, SMD0, CKDIR
Other than 0102
Other than 0102
XX1
Other than 0102
Other than 0102
0102
0102
Function
Input port (not pulled up)
Input port (pulled up)
CLK0 (external clock) input
Output port
Output port (High drive)
CLK0 (internal clock) output
CLK0 (internal clock) output (High drive)
DRR
DRR6
X
X
X
0
1
0
1
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com