Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 188Page - Renesas Technology Corp R8C/10 Datasheet HTML 189Page - Renesas Technology Corp R8C/10 Datasheet HTML 190Page - Renesas Technology Corp R8C/10 Datasheet HTML 191Page - Renesas Technology Corp R8C/10 Datasheet HTML 192Page - Renesas Technology Corp R8C/10 Datasheet HTML 193Page - Renesas Technology Corp R8C/10 Datasheet HTML 194Page - Renesas Technology Corp R8C/10 Datasheet HTML 195Page - Renesas Technology Corp R8C/10 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 199 page
background image
C-2
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/10 Group Hardware Manual
0.92 Nov 5, 2003
Table 12.12 revised
Figure 12.28 Add “Sampling clock”
Table 13.5
Add bit “CKPOL”, “Set to “0””
Section 14.3 Add under the sixth line
Add Figure 14.6
Figure 15.6
NOTES 2 and 3 : Revise its content is “0” to its content is indetermi
nate
Figure 15.7
NOTES 1 and 2 : Revise its content is “0” to its content is indetermi
nate
Table 16.2
Delete NOTES 3 and 4
Table 16.3 Delete Tsamp
Revise Table 16.4
Add Figure 16.1
Add Figure 16.2
Table16.7 Revise on-chip oscillator 100 kHz to 125 kHz
High-speed mode, Medium-speed mode : Revise XIN = 5 MHz to XIN = 10 MHz
Add Table 16.8 to 16.12
Table 16.10 Revise NOTES 1 and 2
Revise Figure 16.2 to 16.3
Table 16.13
Revise fRING-S to fRING
Revise “Low-spped on-chip oscillator frequency” to “On-chip oscillator fre
quency”
NOTES 1 : Revise f(BCLK) = 5 MHz to 10 MHz
Table 16.14
On-chip oscillator : Revise 100 kHz to 125 kHz
High-speed mode, Medium-speed mode : Revise XIN = 5 MHz to
10MHz
Add Table 16.15 to 16.19
Table 16.17
Revise NOTES 1 and 2
Add Figure 16.3
Table 17.1
Delete Data Retention
Section 17.2
Add under the eighth line
Figure 17.4 FMR1, bit 6 : Delete “When read, its content is indeterminate”
Revise RO to
123
124
125
126
127
128
129
131
116
121
110
119
120
137
130
101
87
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com