Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPW
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 31Page - Texas Instruments ADS1282IPW Datasheet HTML 32Page - Texas Instruments ADS1282IPW Datasheet HTML 33Page - Texas Instruments ADS1282IPW Datasheet HTML 34Page - Texas Instruments ADS1282IPW Datasheet HTML 35Page - Texas Instruments ADS1282IPW Datasheet HTML 36Page - Texas Instruments ADS1282IPW Datasheet HTML 37Page - Texas Instruments ADS1282IPW Datasheet HTML 38Page - Texas Instruments ADS1282IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
SCLK
DIN
CommandByte1
CommandByte2
DOUT
Don'tCare
RegisterData5
RegisterData6
1
2
3
4
5
6
7
8
9
10 11 12 13
14
15 16
17
18
25 26
19 20 21
22
23
24
Example:Readsixregisters,startingatregister05h(OFC0)
CommandByte1=00100101
CommandByte2=00000101
t
DLY
t
DLY
t
DLY
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
16
17
18
25
26
19 20 21 22 23 24
SCLK
DIN
CommandByte1
CommandByte2
RegisterData5
RegisterData6
Example:Writesixregisters,startingatregister05h(OFC0)
CommandByte1=01000101
CommandByte2=00000101
t
DLY
t
DLY
t
DLY
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
OFSCAL: Offset Calibration
GANCAL: Gain Calibration
Description: This command performs an offset
Description:
This
command
performs
a
gain
calibration. The inputs to the converter (or the inputs
calibration. The inputs to the converter should have a
to the external pre-amplifier) should be zeroed and
stable dc input (typically full-scale, but not to exceed
allowed to stabilize before sending this command.
103% full-scale). The gain calibration register updates
The offset calibration register updates after this
after this operation. See the Calibration Commands
operation. See the Calibration Commands section for
section for more details.
more details.
Figure 68. Read Register Data (Table 20 shows tDLY)
Figure 69. Write Register Data (Table 20 shows tDLY)
Table 20. tDRY Value
PARAMETER
MIN
tDLY
24/fCLK
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com