Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPW
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 18Page - Texas Instruments ADS1282IPW Datasheet HTML 19Page - Texas Instruments ADS1282IPW Datasheet HTML 20Page - Texas Instruments ADS1282IPW Datasheet HTML 21Page - Texas Instruments ADS1282IPW Datasheet HTML 22Page - Texas Instruments ADS1282IPW Datasheet HTML 23Page - Texas Instruments ADS1282IPW Datasheet HTML 24Page - Texas Instruments ADS1282IPW Datasheet HTML 25Page - Texas Instruments ADS1282IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Minimum Phase Response
HPF Stage
HPF(Z)=
1
Z
-
-1
1
bZ
-
-1
2
a
-
2
´
(9)
b=
(
)
1+(1
a)
-
2
2
2
(10)
0
20
40
Frequency(Hz)
35
30
25
20
15
10
5
60
80
100
120
140
160
180
200
LinearPhaseFilter
MinimumPhaseFilter
HPF[1:0]=65,536 1 -
cos
+sin
1
w
-
N
N
w
cos w
N
1
2
-
ADS1282
SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
The minimum phase filter provides a short delay from
The last stage of the ADS1282 filter block is a
the arrival of an input signal to the output, but the
first-order HPF implemented as an IIR structure. This
relationship (phase) is not constant versus frequency,
filter
stage
blocks
dc
signals
and
rolls
off
as shown in Figure 49. The filter phase is selected by
low-frequency
components
below
the
cut-off
the PHS bit, as Table 7 shows.
frequency. The transfer function for the filter is shown
in Equation 9:
where b is calculated as shown in Equation 10:
The high-pass corner frequency is programmed by
registers HPF[1:0], in hexadecimal. Equation 11 is
used to set the high-pass corner frequency. Table 8
lists example values for the high-pass filter.
Figure 49. FIR Group Delay (fDATA = 500Hz)
(11)
Where:
Table 7. FIR Phase Selection
HPF = High-pass filter register value (converted
to hexadecimal)
PHS BIT
FILTER PHASE
ω
N
=
2
πf
HP/fDATA
(normalized
frequency,
0
Linear
radians)
1
Minimum
fHP = High-pass corner frequency (Hz)
fDATA = Data rate (Hz)
Table 8. High-Pass Filter Value Examples
fHP (Hz)
DATA RATE (SPS)
HPF[1:0]
0.5
250
0337h
1.0
500
0337h
1.0
1000
019Ah
22
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com