Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPW
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 2Page - Texas Instruments ADS1282IPW Datasheet HTML 3Page - Texas Instruments ADS1282IPW Datasheet HTML 4Page - Texas Instruments ADS1282IPW Datasheet HTML 5Page - Texas Instruments ADS1282IPW Datasheet HTML 6Page - Texas Instruments ADS1282IPW Datasheet HTML 7Page - Texas Instruments ADS1282IPW Datasheet HTML 8Page - Texas Instruments ADS1282IPW Datasheet HTML 9Page - Texas Instruments ADS1282IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
DEVICE INFORMATION
CLK
SCLK
DRDY
DOUT
DIN
DGND
MCLK
M1
M0
SYNC
MFLAG
DGND
CAPN
CAPP
BYPAS
DGND
DVDD
DGND
RESET
PWDN
VREFP
VREFN
AVSS
AVDD
AINN1
AINP1
AINN2
AINP2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS1282
ADS1282
SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
TSSOP-28
Top View
TERMINAL FUNCTIONS
NAME
NO.
FUNCTION
DESCRIPTION
CLK
1
Digital input
Master clock input
SCLK
2
Digital input
Serial clock input
DRDY
3
Digital output
Data ready output: read data on falling edge
DOUT
4
Digital output
Serial data output
DIN
5
Digital input
Serial data input
Modulator clock output; if in modulator mode:
MCLK
7
Digital I/O
MCLK: Modulator clock output
Otherwise, the pin is an unused input (must be tied).
Modulator data output 1; if in modulator mode:
M1
8
Digital I/O
M1: Modulator data output 1
Otherwise, the pin is an unused input (must be tied).
Modulator data output 0; if in modulator mode:
M0
9
Digital I/O
M0: Modulator data output 0
Otherwise, the pin is an unused input (must be tied).
SYNC
10
Digital input
Synchronize input
MFLAG
11
Digital output
Modulator Over-Range flag: 0 = normal, 1 = modulator over-range
DGND
6, 12, 25, 27
Digital ground
Digital ground, pin 12 is the key ground point
CAPN
13
Analog
PGA outputs: Connect 10nF capacitor from CAPP to CAPN
CAPP
14
Analog
PGA outputs: Connect 10nF capacitor from CAPP to CAPN
AINP2
15
Analog input
Positive analog input 2
AINN2
16
Analog input
Negative analog input 2
AINP1
17
Analog input
Positive analog input 1
AINN1
18
Analog input
Negative analog input 1
AVDD
19
Analog supply
Positive analog power supply
AVSS
20
Analog supply
Negative analog power supply
VREFN
21
Analog input
Negative reference input
VREFP
22
Analog input
Positive reference input
PWDN
23
Digital input
Power-down input, active low
RESET
24
Digital input
Reset input, active low
DVDD
26
Digital supply
Digital power supply: +1.8V to +3.3V
BYPAS
28
Analog
Sub-regulator output: Connect 1
µF capacitor to DGND
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com