Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPW
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 6Page - Texas Instruments ADS1282IPW Datasheet HTML 7Page - Texas Instruments ADS1282IPW Datasheet HTML 8Page - Texas Instruments ADS1282IPW Datasheet HTML 9Page - Texas Instruments ADS1282IPW Datasheet HTML 10Page - Texas Instruments ADS1282IPW Datasheet HTML 11Page - Texas Instruments ADS1282IPW Datasheet HTML 12Page - Texas Instruments ADS1282IPW Datasheet HTML 13Page - Texas Instruments ADS1282IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
100
Power-SupplyFrequency(Hz)
140
120
100
80
60
40
20
0
1k
10k
1M
100k
DVDD
AVSS
AVDD
-100
-75
InputAmplitude(%Full-Scale)
4
3
2
1
0
1
2
3
4
-
-
-
-
-50
-25
100
0
25
50
75
PGA=8
PGA=32
PGA=2
-55
-35
Temperature( C)
°
4
3
2
1
0
-15
5
125
25
45
65
85
105
0
50
Frequency(Hz)
0
20
40
60
80
100
120
140
160
180
-
-
-
-
-
-
-
-
-
100
150
500
200
250
300
350
400
450
ShortedInput
8192-PointFFT
AdjacentChannelV
= 0.5dBFS,31.25Hz
IN
-
-55
-35
Temperature( C)
°
30
25
20
15
10
-15
5
125
25
45
65
85
105
High-ResolutionMode
Low-PowerMode
1.0
1.5
f
(MHz)
CLK
30
25
20
15
10
5
0
2.0
2.5
4.5
3.0
3.5
4.0
High-ResolutionMode
Low-PowerMode
ADS1282
SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V, VREFN = –2.5V, DVDD = +3.3V,
CAPN – CAPP = 10nF, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
POWER-SUPPLY REJECTION
vs FREQUENCY
INL vs INPUT AMPLITUDE
Figure 19.
Figure 20.
INL vs TEMPERATURE
CROSSTALK OUTPUT SPECTRUM
Figure 21.
Figure 22.
POWER vs TEMPERATURE
POWER vs CLOCK FREQUENCY
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com