Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPW
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 19Page - Texas Instruments ADS1282IPW Datasheet HTML 20Page - Texas Instruments ADS1282IPW Datasheet HTML 21Page - Texas Instruments ADS1282IPW Datasheet HTML 22Page - Texas Instruments ADS1282IPW Datasheet HTML 23Page - Texas Instruments ADS1282IPW Datasheet HTML 24Page - Texas Instruments ADS1282IPW Datasheet HTML 25Page - Texas Instruments ADS1282IPW Datasheet HTML 26Page - Texas Instruments ADS1282IPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
MASTER CLOCK INPUT (CLK)
SYNCHRONIZATION
FrequencyRatio(f
/f
)
HP DATA
0
-0.10
-0.20
-0.30
-0.40
-0.50
0.0001
0.001
0.01
0.1
0.01
0.1
NormalizedFrequency(f/f )
C
0
-7.5
-15.0
-22.5
-30.0
-45.0
90
75
60
45
30
15
0
1
10
100
Phase
Amplitude
-37.5
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
The HPF causes a small gain error, in which case the
magnitude of the error depends on the ratio of
The ADS1282 requires a clock input for operation.
fHP/fDATA. For many common values of (fHP/fDATA), the
The clock is applied to the CLK pin. The data
gain error is negligible. Figure 50 shows the gain
conversion
rate
scales
directly
with
the
CLK
error of the HPF. The gain error factor is illustrated in
frequency. Power consumption versus CLK frequency
Equation 15 (see the Appendix at the end of this
is relatively constant (see the Typical Characteristics).
document).
As with any high-speed data converter, a high-quality,
low-jitter clock is essential for optimum performance.
Crystal clock oscillators are the recommended clock
source. Make sure to avoid excess ringing on the
clock input; keep the clock trace as short as possible
and use a 50
Ω series resistor close to the source.
(SYNC PIN AND SYNC COMMAND)
The ADS1282 can be synchronized to an external
event, as well as synchronized to other ADS1282
devices if the sync event is applied simultaneously.
The ADS1282 has two sources for synchronization:
the SYNC input pin and the SYNC command. The
ADS1282
also
has
two
synchronizing
modes:
Pulse-sync
and
Continuous-sync.
In
Pulse-sync
Figure 50. HPF Gain Error
mode, the ADS1282 synchronizes to a single sync
event. In Continuous-sync mode, either a single
Figure 51 shows the first-order amplitude and phase
SYNC event is used to synchronize conversions or a
response of the HPF. Note that in the case of
continuous clock is applied to the pin with a period
applying step inputs or synchronizing, the settling
equal to integer multiples of the data rate. When the
time of the filter should be taken into account.
periods of the sync input and the DRDY output do not
match,
the
ADS1282
re-synchronizes
and
conversions are restarted.
Figure 51. HPF Amplitude and Phase Response
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com