Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPW
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 20Page - Texas Instruments ADS1282IPW Datasheet HTML 21Page - Texas Instruments ADS1282IPW Datasheet HTML 22Page - Texas Instruments ADS1282IPW Datasheet HTML 23Page - Texas Instruments ADS1282IPW Datasheet HTML 24Page - Texas Instruments ADS1282IPW Datasheet HTML 25Page - Texas Instruments ADS1282IPW Datasheet HTML 26Page - Texas Instruments ADS1282IPW Datasheet HTML 27Page - Texas Instruments ADS1282IPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
PULSE-SYNC MODE
SystemClock
(f
)
CLK
SYNCCommand
SYNCPin
DRDY
(Pulse-Sync)
t
SPWL
NewData
Ready
t
CSHD
t
SPWH
DRDY
(Continuous-Sync)
DOUT
NewData
Ready
t
DR
t
SCSU
t
DR
CONTINUOUS-SYNC MODE
SystemClock
(f
)
CLK
SYNC
DRDY
t
CSHD
t
SCSU
t
SYNC
1/f
DATA
t
SPWH
t
SPWL
ADS1282
SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
In Pulse-sync mode, the ADS1282 stops and restarts
the conversion process when a sync event occurs (by
pin or command). When the sync event occurs, the
device resets the internal memory; DRDY goes high
(pulse SYNC mode) otherwise in Continuous SYNC
mode, DRDY continues to toggle, and after the digital
filter has settled, new conversion data are available,
as shown in Figure 52 and Table 9.
Note that resynchronization occurs on the next rising
CLK edge after the rising edge of the SYNC pin or
after the eighth rising SCLK edge for opcode SYNC
commands. To be effective, the SYNC opcode should
be broadcast to all devices simultaneously.
Figure 52. Pulse-Sync Timing, Continuous-Sync
Timing with Single Sync
In Continuous-sync mode, either a single sync pulse
or a continuous clock may be applied. When a single
sync pulse is applied (rising edge), the device
behaves similar to the Pulse-sync mode. However, in
this mode, DRDY continues to toggle unaffected but
the DOUT output is held low until data are ready, 63
DRDY periods later. When the conversion data are
non-zero, new conversion data are ready (as shown
in Figure 52).
When a continuous clock is applied to the SYNC pin,
the period must be an integral multiple of the output
data rate or the device re-synchronizes. When the
sync input is first applied, the device re-synchronizes
(under
the
condition
tSYNC ≠ N/fDATA). DRDY
Figure 53. Continuous-Sync Timing with Sync
continues to output but DOUT is held low until the
Clock
new data are ready. Then, if SYNC is applied again
and the period matches an integral multiple of the
output data rate, the device freely runs without
re-synchronization. Note that the phase of the applied
clock and output data rate (DRDY) are not matched
because of the initial delay of DRDY after SYNC is
first
applied.
Figure
53
shows
the
timing
for
Continuous-Sync mode.
Note that a SYNC clock input should be applied after
the Continuous-Sync mode is set. The first rising
edge of SYNC then causes a synchronization.
Table 9. Pulse-Sync Timing for Figure 52 and Figure 53
PARAMETER
DESCRIPTION
MIN
MAX
UNITS
tSYNC
SYNC period(1)
1
Infinite
n/fDATA
tCSHD
CLK to SYNC hold time to not latch on CLK edge
10
ns
tSCSU
SYNC to CLK setup time to latch on CLK edge
10
ns
tSPWH, L
SYNC pulse width, high or low
2
1/fCLK
Time for data ready (SINC filter)
See Appendix, Table 23
tDR
Time for data ready (FIR filter)
62.98046875/fDATA + 466/fCLK
(1)
Continuous-Sync mode; a free-running SYNC clock input without causing re-synchronization.
24
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com