Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPW Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPW
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 25Page - Texas Instruments ADS1282IPW Datasheet HTML 26Page - Texas Instruments ADS1282IPW Datasheet HTML 27Page - Texas Instruments ADS1282IPW Datasheet HTML 28Page - Texas Instruments ADS1282IPW Datasheet HTML 29Page - Texas Instruments ADS1282IPW Datasheet HTML 30Page - Texas Instruments ADS1282IPW Datasheet HTML 31Page - Texas Instruments ADS1282IPW Datasheet HTML 32Page - Texas Instruments ADS1282IPW Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
ONE-SHOT OPERATION
OFFSET AND FULL-SCALE CALIBRATION
FinalOutputData=(Input
OFC[2:0])
-
´
FSC[2:0]
400000h
Standby
PerformingOne-ShotConversion
Standby
STANDBY
ADS1282Status
DRDY
DIN
DOUT
WAKEUP
(1)
STANDBY
Settled
Data
Modulator
AINP
AINN
Digital
Filter
S
OFC
Register
FinalOutput
OutputData
Clippedto32Bits
´
+
-
FSCRegister
400000h
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
REGISTERS
The ADS1282 can perform very power-efficient,
one-shot conversions using the STANDBY command
The conversion data can be scaled for offset and gain
while under software control. Figure 63 shows this
before yielding the final output code. As shown in
sequence. First, issue the STANDBY command to set
Figure 64, the output of the digital filter is first
the Standby mode.
subtracted by the offset register (OFC) and then
multiplied
by
the
full-scale
register
(FSC).
When ready to make a measurement, issue the
Equation 12 shows the scaling:
WAKEUP command. Monitor DRDY; when it goes
low, the fully settled conversion data are ready and
may be read directly in Read Data Continuous mode.
Afterwards,
issue
another
STANDBY
command.
(12)
When ready for the next measurement, repeat the
The values of the offset and full-scale registers are
cycle starting with another WAKEUP command.
set by writing to them directly, or they are set
automatically by calibration commands.
Note that the offset and full-scale calibrations apply to
specific PGA settings. When the PGA is changed,
these
registers
generally
require
recalculation.
Calibration is bypassed in the sinc filter mode.
(1) See Figure 55 and Table 11 for time to new data.
Figure 63. One-Shot Conversions Using the STANDBY Command
Figure 64. Calibration Block Diagram
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com