Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 205Page - Renesas Technology Corp 38K2 Datasheet HTML 206Page - Renesas Technology Corp 38K2 Datasheet HTML 207Page - Renesas Technology Corp 38K2 Datasheet HTML 208Page - Renesas Technology Corp 38K2 Datasheet HTML 209Page - Renesas Technology Corp 38K2 Datasheet HTML 210Page - Renesas Technology Corp 38K2 Datasheet HTML 211Page - Renesas Technology Corp 38K2 Datasheet HTML 212Page - Renesas Technology Corp 38K2 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 358 page
background image
2.4 Serial I/O
Rev.2.00
Oct 15, 2006
page 60 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
(4)
Communication (transmit/receive) using asynchronous serial I/O (UART)
Outline : 2-byte data is transmitted and received, using the asynchronous serial I/O.
Port P24 is used for communication control.
Figure 2.4.29 shows a connection diagram, and Figure 2.4.30 shows a timing chart.
Fig. 2.4.29 Connection diagram (Communication using UART)
Specifications : • The Serial I/O is used (UART is selected).
• Transfer bit rate : 9600 bps (f(XIN) = 6 MHz is divided by 624)
• Communication control using port P24
(The output level of port P24 is controlled by software.)
• 2-byte data is transferred from the transmitting side to the receiving side at intervals
of 10 ms generated by the timer.
Fig. 2.4.30 Timing chart (using UART)
Transmitting side
P24
38K2 group
P24
38K2 group
Receiving side
TXDRXD
P24
10 ms
D0 D1 D2 D3
D4 D5 D6 D7
ST
SP(2)
D0
D1 D2 D3 D4 D5 D6
D7
ST
SP(2)
D0
ST
.
.....
TXD
.
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com