Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 206Page - Renesas Technology Corp 38K2 Datasheet HTML 207Page - Renesas Technology Corp 38K2 Datasheet HTML 208Page - Renesas Technology Corp 38K2 Datasheet HTML 209Page - Renesas Technology Corp 38K2 Datasheet HTML 210Page - Renesas Technology Corp 38K2 Datasheet HTML 211Page - Renesas Technology Corp 38K2 Datasheet HTML 212Page - Renesas Technology Corp 38K2 Datasheet HTML 213Page - Renesas Technology Corp 38K2 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 358 page
background image
2.4 Serial I/O
Rev.2.00
Oct 15, 2006
page 61 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Notes 1: Select the BRG count source with bit 0 of the serial I/O control register (Address : 0FE016).
2: These are setting values with small errors.
3: Equation of transfer bit rate:
✽m: When bit 0 of the serial I/O control register (Address : 0FE016) is set to “0”, a value of m
is 1.
When bit 0 of the serial I/O control register (Address : 0FE016) is set to “1”, a value of
m is 4.
Table 2.4.1 shows setting examples of the baud rate generator (BRG) values and transfer bit rate
values; Figure 2.4.31 shows registers setting related to the transmitting side; Figure 2.4.32 shows
registers setting related to the receiving side.
Table 2.4.1 Setting examples of Baud rate generator values and transfer bit rate values
Transfer bit rate (bps) =
(BRG setting value + 1) ✕ 16 ✕ m✽
f(XIN)
Transfer bit rate
(bps) (Note 3)
600
1200
2400
4800
9600
14400
19200
38400
57600
BRG count source
(Note 1)
f(XIN)/4
f(XIN)/4
f(XIN)
f(XIN)
f(XIN)
f(XIN)
f(XIN)
f(XIN)
f(XIN)
At f(XIN) = 6 MHZ
BRG setting value (Note 2)
155
77
155
77
38
25
19
9
–
At f(XIN) = 8 MHZ
BRG setting value (Note 2)
207
103
207
103
51
34
25
12
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com