Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 30Page - Renesas Technology Corp R8C/19 Datasheet HTML 31Page - Renesas Technology Corp R8C/19 Datasheet HTML 32Page - Renesas Technology Corp R8C/19 Datasheet HTML 33Page - Renesas Technology Corp R8C/19 Datasheet HTML 34Page - Renesas Technology Corp R8C/19 Datasheet HTML 35Page - Renesas Technology Corp R8C/19 Datasheet HTML 36Page - Renesas Technology Corp R8C/19 Datasheet HTML 37Page - Renesas Technology Corp R8C/19 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 257 page
background image
R8C/18 Group, R8C/19 Group
4. Special Function Registers (SFRs)
Rev.1.30
Apr 14, 2006
Page 19 of 233
REJ09B0222-0130
Table 4.2
SFR Information (2)(1)
X: Undefined
NOTE:
1.
The blank regions are reserved. Do not access locations in these regions.
Address
Register
Symbol
After reset
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
0049h
004Ah
004Bh
004Ch
004Dh
Key Input Interrupt Control Register
KUPIC
XXXXX000b
004Eh
Comparator Conversion Interrupt Control Register
ADIC
XXXXX000b
004Fh
0050h
Compare 1 Interrupt Control Register
CMP1IC
XXXXX000b
0051h
UART0 Transmit Interrupt Control Register
S0TIC
XXXXX000b
0052h
UART0 Receive Interrupt Control Register
S0RIC
XXXXX000b
0053h
UART1 Transmit Interrupt Control Register
S1TIC
XXXXX000b
0054h
UART1 Receive Interrupt Control Register
S1RIC
XXXXX000b
0055h
0056h
Timer X Interrupt Control Register
TXIC
XXXXX000b
0057h
0058h
Timer Z Interrupt Control Register
TZIC
XXXXX000b
0059h
INT1 Interrupt Control Register
INT1IC
XXXXX000b
005Ah
INT3 Interrupt Control Register
INT3IC
XXXXX000b
005Bh
Timer C Interrupt Control Register
TCIC
XXXXX000b
005Ch
Compare 0 Interrupt Control Register
CMP0IC
XXXXX000b
005Dh
INT0 Interrupt Control Register
INT0IC
XX00X000b
005Eh
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com