Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 61Page - Renesas Technology Corp R8C/19 Datasheet HTML 62Page - Renesas Technology Corp R8C/19 Datasheet HTML 63Page - Renesas Technology Corp R8C/19 Datasheet HTML 64Page - Renesas Technology Corp R8C/19 Datasheet HTML 65Page - Renesas Technology Corp R8C/19 Datasheet HTML 66Page - Renesas Technology Corp R8C/19 Datasheet HTML 67Page - Renesas Technology Corp R8C/19 Datasheet HTML 68Page - Renesas Technology Corp R8C/19 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 257 page
background image
R8C/18 Group, R8C/19 Group
7. Voltage Detection Circuit
Rev.1.30
Apr 14, 2006
Page 50 of 233
REJ09B0222-0130
Figure 7.9
Operating Example of Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset
Vdet2
(Typ. 3.30 V)
VCA13 bit
Internal reset signal
(VW2C6 = 1)
VCC
The above applies under the following conditions.
• VCA27 bit in VCA2 register = 1 (voltage detection 2 circuit enabled)
• VW2C0 bit in VW2C register = 1 (voltage monitor 2 interrupt and voltage monitor 2 reset enabled)
NOTE:
1. If voltage monitor 1 reset is not used, set the power supply to VCC
≥ 2.7.
2.7 V(1)
0
1
Sampling clock of digital filter
× 4 cycles
VW2C2 bit
0
1
When the VW2C1 bit is set
to 0 (digital filter enabled).
VW2C2 bit
0
1
When the VW2C1 bit is
set to 1 (digital filter
disabled) and the
VW2C7 bit is set to 0
(Vdet2 or above).
VCA13: Bit in VCA1 register
VW2C1, VW2C2, VW2C6, VW2C7: Bit in VW2C register
Set to 0 by interrupt request
acknowledgement
Set to 0 by a program
Voltage monitor 2
interrupt request
(VW2C6 = 0)
Voltage monitor 2
interrupt request
(VW2C6 = 0)
VW2C2 bit
0
1
When the VW2C1 bit is
set to 1 (digital filter
disabled) and the
VW2C7 bit is set to 1
(Vdet2 or below).
Voltage monitor 2
interrupt request
(VW2C6 = 0)
Internal reset signal
(VW2C6 = 1)
Sampling clock of digital filter
× 4 cycles
Set to 0 by a program
Set to 0 by interrupt
request
acknowledgement
Set to 0 by a program
Set to 0 by interrupt
request acknowledgement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com