Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 33Page - Renesas Technology Corp R8C/19 Datasheet HTML 34Page - Renesas Technology Corp R8C/19 Datasheet HTML 35Page - Renesas Technology Corp R8C/19 Datasheet HTML 36Page - Renesas Technology Corp R8C/19 Datasheet HTML 37Page - Renesas Technology Corp R8C/19 Datasheet HTML 38Page - Renesas Technology Corp R8C/19 Datasheet HTML 39Page - Renesas Technology Corp R8C/19 Datasheet HTML 40Page - Renesas Technology Corp R8C/19 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 257 page
background image
R8C/18 Group, R8C/19 Group
5. Resets
Rev.1.30
Apr 14, 2006
Page 22 of 233
REJ09B0222-0130
5.
Resets
The following resets are implemented: hardware reset, power-on reset, voltage monitor 1 reset, voltage
monitor 2 reset, watchdog timer reset, and software reset. Table 5.1 lists the Reset Names and Sources.
Figure 5.1
Block Diagram of Reset Circuit
Table 5.1
Reset Names and Sources
Reset Name
Source
Hardware reset
Input voltage of RESET pin is held “L”
Power-on reset
VCC rises.
Voltage monitor 1 reset
VCC falls (monitor voltage: Vdet1).
Voltage monitor 2 reset
VCC falls (monitor voltage: Vdet2).
Watchdog timer reset
Underflow of watchdog timer
Software reset
Write 1 to PM03 bit in PM0 register.
RESET
Power-on reset
circuit
Voltage
detection
circuit
Watchdog
timer
CPU
Voltage monitor 1 reset
SFRs
Bits VCA26,
VW1C0, and
VW1C6
SFRs
Bits VCA13, VCA27,
VW1C1, VW1C2,
VW1F0, VW1F1, VW1C7,
VW2C2, and VW2C3
Pin, CPU, and
SFR bits other than
those listed above
VCC
Hardware reset
Power-on reset
Voltage monitor 2 reset
Watchdog timer
reset
Software reset
VCA13: Bit in VCA1 register
VCA26, VCA27: Bits in VCA2 register
VW1C0 to VW1C2, VW1F0, VW1F1, VW1C6, VW1C7: Bits in VW1C register
VW2C2, VW2C3: Bits in VW2C register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com