Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 75Page - Renesas Technology Corp R8C/19 Datasheet HTML 76Page - Renesas Technology Corp R8C/19 Datasheet HTML 77Page - Renesas Technology Corp R8C/19 Datasheet HTML 78Page - Renesas Technology Corp R8C/19 Datasheet HTML 79Page - Renesas Technology Corp R8C/19 Datasheet HTML 80Page - Renesas Technology Corp R8C/19 Datasheet HTML 81Page - Renesas Technology Corp R8C/19 Datasheet HTML 82Page - Renesas Technology Corp R8C/19 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 64 of 233
REJ09B0222-0130
10.4.1.1
High-Speed Mode
The main clock divided by 1 (no division) provides the CPU clock. If the CM14 bit is set to 0 (low-
speed on-chip oscillator on) or the HRA00 bit in the HRA0 register is set to 1 (high-speed on-chip
oscillator on), fRING and fRING128 can be used as timers X and C. When the HRA00 bit is set to 1,
fRING-fast can be used as timer C. When the CM14 bit is set to 0 (low-speed on-chip oscillator on),
fRING-S can be used for the watchdog timer and voltage detection circuit.
10.4.1.2
Medium-Speed Mode
The main clock divided by 2, 4, 8, or 16 provides the CPU clock. If the CM14 bit is set to 0 (low-speed
on-chip oscillator on) or the HRA00 bit in the HRA0 register is set to 1 (high-speed on-chip oscillator
on), fRING and fRING128 can be used as timers X and C. When the HRA00 bit is set to 1, fRING-
fast can be used as timer C. When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fRING-
S can be used for the watchdog timer and voltage detection circuit.
10.4.1.3
High-Speed and Low-Speed On-Chip Oscillator Modes
The on-chip oscillator clock divided by 1 (no division), 2, 4, 8, or 16 provides the CPU clock. The on-
chip oscillator clock is also the clock source for the peripheral function clocks. When the HRA00 bit is
set to 1, fRING-fast can be used as timer C. When the CM14 bit is set to 0 (low-speed on-chip
oscillator on), fRING-S can be used for the watchdog timer and voltage detection circuit.
10.4.2
Wait Mode
Since the CPU clock stops in wait mode, the CPU, which operates using the CPU clock and the
watchdog timer when count source protection mode is disabled stop. The main clock and on-chip
oscillator clock do not stop and the peripheral functions using these clocks continue operating.
10.4.2.1
Peripheral Function Clock Stop Function
If the CM02 bit is set to 1 (peripheral function clock stops in wait mode), the f1, f2, f4, f8, and f32
clocks stop in wait mode. This reduces power consumption.
10.4.2.2
Entering Wait Mode
The MCU enters wait mode when the WAIT instruction is executed.
10.4.2.3
Pin Status in Wait Mode
The status before wait mode was entered is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com