Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 67Page - Renesas Technology Corp R8C/19 Datasheet HTML 68Page - Renesas Technology Corp R8C/19 Datasheet HTML 69Page - Renesas Technology Corp R8C/19 Datasheet HTML 70Page - Renesas Technology Corp R8C/19 Datasheet HTML 71Page - Renesas Technology Corp R8C/19 Datasheet HTML 72Page - Renesas Technology Corp R8C/19 Datasheet HTML 73Page - Renesas Technology Corp R8C/19 Datasheet HTML 74Page - Renesas Technology Corp R8C/19 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 56 of 233
REJ09B0222-0130
Figure 10.3
CM1 Register
System Clock Control Register 1
(1)
Symbol
Address
After Reset
CM1
0007h
20h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
When entering stop mode from high or medium speed mode, this bit is set to 1 (drive capacity high).
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the CM1 register.
b7 b6 b5 b4 b3 b2 b1 b0
00
CM10
All clock stop control bit(4, 7, 8)
0 : Clock operates.
1 : Stops all clocks (stop mode).
RW
—
(b1)
Reserved bit
Set to 0.
RW
—
(b2)
Reserved bit
Set to 0.
RW
CM13
Port XIN-XOUT sw itch bit(7)
0 : Input port P4_6, P4_7
1 : XIN-XOUT Pin
RW
CM14
Low -speed on-chip oscillation stop
bit(5, 6, 8)
0 : Low -speed on-chip oscillator on
1 : Low -speed on-chip oscillator off
RW
CM15
XIN-XOUT drive capacity select bit(2)
0 : Low
1 : High
RW
CM17
RW
b7 b6
0 0 : No division mode
0 1 : Divide-by-2 mode
1 0 : Divide-by-4 mode
1 1 : Divide-by-16 mode
System clock division select bits 1(3)
CM16
RW
When the CM10 bit is set to 1 (stop mode), or the CM05 bit in the CM0 register to 1 (main clock stops) and the CM13
bit is set to 1 (XIN-XOUT pin), the XOUT (P4_7) pin becomes “H”.
When the CM13 bit is set to 0 (input ports, P4_6, P4_7), P4_7 (XOUT) enters input mode.
In count source protect mode (refer to 13.2 Count Source Protection Mode Enabled), the value remains
unchanged even if bits CM10 and CM14 are set.
When the CM06 bit is set to 0 (bits CM16, CM17 enabled), bits CM16 to CM17 are enabled.
If the CM10 bit is set to 1 (stop mode), the on-chip feedback resistor is disabled.
When the OCD2 bit is set to 0 (main clock selected), the CM14 bit is set to 1 (low -speed on-chip oscillator stopped).
When the OCD2 bit is set to 1 (on-chip oscillator clock selected), the CM14 bit is set to 0 (low -speed on-chip
oscillator on). And remains unchanged even if 1 is w ritten to it.
When using the voltage detection interrupt, set the CM14 bit to 0 (low -speed on-chip oscillator on).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com