Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 94Page - Renesas Technology Corp R8C/19 Datasheet HTML 95Page - Renesas Technology Corp R8C/19 Datasheet HTML 96Page - Renesas Technology Corp R8C/19 Datasheet HTML 97Page - Renesas Technology Corp R8C/19 Datasheet HTML 98Page - Renesas Technology Corp R8C/19 Datasheet HTML 99Page - Renesas Technology Corp R8C/19 Datasheet HTML 100Page - Renesas Technology Corp R8C/19 Datasheet HTML 101Page - Renesas Technology Corp R8C/19 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 83 of 233
REJ09B0222-0130
12.1.6.8
Returning from an Interrupt Routine
When the REIT instruction is executed at the end of an interrupt routine, the FLG register and PC,
which have been saved to the stack, are automatically restored. The program, that was running
before the interrupt request was acknowledged, starts running again.
Restore registers saved by a program in an interrupt routine using the POPM instruction or others
before executing the REIT instruction.
12.1.6.9
Interrupt Priority
If two or more interrupt requests are generated while a single instruction is being executed, the
interrupt with the higher priority is acknowledged.
Set bits ILVL2 to ILVL0 to select the desired priority level for maskable interrupts (peripheral
functions). However, if two or more maskable interrupts have the same priority level, their interrupt
priority is resolved by hardware, and the higher priority interrupts acknowledged.
The priority levels of special interrupts, such as reset (reset has the highest priority) and watchdog
timer, are set by hardware. Figure 12.9 shows the Priority Levels of Hardware Interrupts.
The interrupt priority does not affect software interrupts. The MCU jumps to the interrupt routine
when the instruction is executed.
Figure 12.9
Priority Levels of Hardware Interrupts
Reset
Watchdog timer
Oscillation stop detection
Voltage monitor 2
Peripheral function
Single step
Address match
High
Low
Address break



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com